Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP401 Datasheet HTML 1Page - NXP Semiconductors PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PIP401
OR-ing Intelligent Switch
Rev. 03 — 5 November 2002
Product data
VCC
VRS
TFL
GND
VO
VI
003aaa198
1.
Description
The PIP401 is an OR-ing Intelligent Switch (ORIS), a dedicated power OR-ing
device, that combines the simplicity of a diode with the efficiency of a MOSFET
switch.
The PIP401 will have optimum use in supply lines with up to 40 A loads. For higher
currents, two or more PIP401 devices can be used in parallel. The intended
application is parallel redundant power supply networks, where the PIP401 provides
a high-efficiency alternative to a rectifier diode. When the input voltage is greater than
the output voltage, the PIP401 conducts with very low voltage drop. When the input
voltage drops below the output voltage, the PIP401 switches off very quickly, blocking
the flow of reverse current. Remote sensing of the load voltage compensates for
inductance in the power supply lines. A thermal indicator is provided to allow power
supply shutdown or load reduction if the junction temperature exceeds 150
°C.
2.
Features
s Very low voltage drop (typ 70 mV at 40 A)
s Controlled turn-on
s Fast turn-off
s Remote sensing
s Overtemperature flag
s Low thermal resistance
s ESD protected
s Surface mount package.
3.
Applications
s Compact PCI power supplies
s Telecommunications equipment power supplies
s High-reliability, parallel redundant power supply networks.
4.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
PIP401
D2-PAK (7 lead)
Plastic, single-ended surface mount package (Philips version of
D2-PAK); 7 leads (centre lead cropped).
SOT427


Similar Part No. - PIP401

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
PIP4032 AITSEMI-PIP4032 Datasheet
605Kb / 6P
POWER INDUCTOR
More results

Similar Description - PIP401

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2020 MICROSEMI-MS2020 Datasheet
120Kb / 2P
20 AMP SCHOTTKY OR-ING RECTIFIER
UPS315 MICROSEMI-UPS315 Datasheet
105Kb / 2P
3 Amp Schottky OR ing Rectifier
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
Low Side OR-ing FET Controller
logo
Vishay Siliconix
VS-19TQ015PBF VISHAY-VS-19TQ015PBF Datasheet
163Kb / 7P
Optimized for OR-ing applications
25-Aug-11
VS-20L15TPBF VISHAY-VS-20L15TPBF Datasheet
159Kb / 7P
Optimized for OR-ing applications
26-Aug-11
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
High-Side OR-ing FET Controller
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
OR-ing Power Schottky Rectifier
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
ACTIVE OR-ING MOSFET CONTROLLER
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com