Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation IX6610 Datasheet HTML 10Page - IXYS Corporation IX6610 Datasheet HTML 11Page - IXYS Corporation IX6610 Datasheet HTML 12Page - IXYS Corporation IX6610 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
IX6610
R00A
PRELIMINARY
9
1.5.14 Signal Transformer Primary (Transmit) Switch and Pulse Generator
1.5.15 Signal Transformer Secondary Receive Inputs and Fault Detect
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Transmit signal transformer primary
switch sink resistance
ROUTS
VCC / VIN = 5V / 15V,
Measured at terminals TRAP, TRAN, TRBP,
TRBN@ VDD = 3.3V, ISINK = 100mA
-0.5
1
Transmit signal transformer primary
switch peak sink current
IPEAKS
VCC / VIN = 5V / 15V,
Measured at terminals TRAP, TRAN, TRBP,
TRBN@ VDD = 3.3V, 200ns Pulse
0.7
1
-
A
Transmit signal transformer primary
switch low level output voltage
VOLS
VCC / VIN = 5V / 15V,
Measured at terminals TRAP, TRAN, TRBP,
TRBN@ VDD = 3.3V, RL = 5
-0.3
1
V
Transmit signal transformer primary
switch max drain voltage limit
VDSMAX
@ IDS_LEAK = 1A
--
15
V
Leading edge pulse width related to
the input signals INA, INB
TPWL
Measured at terminals
TRAP, TRBP @ VDD = 3.3V, RL = 1k,
CL=50pF
100
200
300
ns
Trailing edge pulse width related to
the input signals INA, INB
TPWT
Measured at terminals
TRAN, TRBN@ VDD = 3.3V, RL = 1k,
CL=50pF
100
200
300
ns
Channel A vs Channel B pulse width
distortion
TDST
Measured at terminals
TRAP, TRAN, TRBP, TRBN @ VDD = 3.3V
RL = 1k, CL = 50pF
-20-
ns
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Receive input resistance
RIN
Measured at terminals @ RCVAP, RCVAN,
RCVBP, RCVBN
0.711.3
k
Receive input positive threshold
voltage
VTHP
Measured at terminals
RCVAP, RCVAN, RCVBP, RCVBN by monitoring
the state change at FAULT1 and FAULT2
terminals @ VDD = 3.3V
2.2
-
-
V
Receive input hysteresis
VHYS
0.5
1
-
FAULT1, FAULT2 output high voltage
VOH_FLT1
VOH_FLT2
VDD = 3.3V, ISOURCE = 10mA
VDD-0.2
--
V
FAULT1, FAULT2 output low voltage
VOL_FLT1
VOL_FLT2
VDD = 3.3V, ISOURCE = 10mA
--
0.2
V
FAULT1, FAULT2 signal propagation
delay
tFD
VDD = 3.3V, Measured from
RCVAP, RCVBP to FAULT2 and from RCVAN,
RCVBN to FAULT1
--
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com