Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation IX6610 Datasheet HTML 10Page - IXYS Corporation IX6610 Datasheet HTML 11Page - IXYS Corporation IX6610 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
PRELIMINARY
R00A
IX6610
1.5.12 OVLO Circuit
1.5.13 Power Converter Control Circuit
See Figure 2 and Figure 3 for reference.
Note 1: Power converter needs to deliver 2 Watts of power @20V to the secondary side IGBT drivers, ~ 0.275 watts power
@5.5V to the LDO. If the VCC (5V) regulator is also powered from VAUX then the converter power delivery needs to increase to
accommodate VCC regulator.
Note 2: Package and board resistance must be minimized to achieve this ROUT_DCN specification.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Over voltage lockout threshold
OVLORISE
VIN OVLO rising threshold is measured by
monitoring state change at FAULT1 and
FAULT2 terminals.
16.25
17
17.75
V
Over voltage lockout hysteresis
OVLOHYST
--
0.5
-
V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Converter switching clock frequency
fDC_CLK
Normal operation, external clock
90
100
110
kHz
Converter switching clock duty cycle
DDC_CLK
Normal operation, external clock
35
40
50
%
Converter switching clock pulse width
tPW_CLK
Normal operation, external clock
900
-
-
ns
Converter startup switching clock
frequency
fDC_OSC
Startup operation, internal oscillator
+ clock divider
80
100
150
kHz
Converter startup switching clock
duty cycle
DDC_OSC
Startup operation, internal oscillator
+ clock divider
-47-
%
Converter transformer primary driver
switch output sink resistance
ROUT_DCN
Normal operation. Measured at TRDCP and
TRDCN terminals @ ISINK = 400mA.
-
0.4
Note 2
0.7
Converter transformer primary driver
switch output sink resistance
ROUT_DCS
Startup operation. Measured at TRDCP and
TRDCN terminals @ ISINK = 200mA
-2.5
5
Converter transformer primary driver
switch output peak sink current
IPEAK
--
-
1
A
Converter transformer primary driver
switch max drain voltage limit
VDSMAX
--
-
40
V
Converter transformer primary driver
output fall time
tF_TRDCP
tF_TRDCN
VIN=15V, RL=1k, CL=50pF
--
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com