Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 15 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 11Page - IXYS Corporation IX6610 Datasheet HTML 12Page - IXYS Corporation IX6610 Datasheet HTML 13Page - IXYS Corporation IX6610 Datasheet HTML 14Page - IXYS Corporation IX6610 Datasheet HTML 15Page - IXYS Corporation IX6610 Datasheet HTML 16Page - IXYS Corporation IX6610 Datasheet HTML 17Page - IXYS Corporation IX6610 Datasheet HTML 18Page - IXYS Corporation IX6610 Datasheet HTML 19Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
IX6610
R00A
PRELIMINARY
15
Figure 8
Primary Side UVLO Condition FAULT1 Timing Diagram (FAULT2=0V)
Figure 9
Primary Side OVLO Condition FAULT2 Timing Diagram (FAULT1=0V)
Figure 10
Primary Side Overtemp Condition FAULT1 & FAULT2 Timing Diagram
UVLO_COMP
FAULT1
(INTERNAL_SIGNAL)
V
IN
FLTRST
OVLO_COMP
(INTERNAL_SIGNAL)
V
IN
FLTRST
FAULT2
OVERTEMP_COMP
FAULT1
(INTERNAL_SIGNAL)
FLTRST
FAULT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com