Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 3 Page - IXYS Corporation

  IX6610 Datasheet HTML 1Page - IXYS Corporation IX6610 Datasheet HTML 2Page - IXYS Corporation IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IX6610
R00A
PRELIMINARY
3
1
Specifications
1.1
Package Pinout
1.2
Pin Description
Pin#
Name
Description
1
TRDCP
Power converter transformer primary positive terminal
2
GND
Ground terminal; analog ground
3MODE
Enable external MCU VDD supply feature
4
FLT RST
Fault reset input terminal
5
RESET
Global reset input terminal
6
CLK
External clock input terminal
7
FAULT1
Primary and secondary side power supply status terminal
8
FAULT2
Secondary side IGBT output status terminal
9
RBIAS
Bias current setting resistor terminal
10
INB
Channel B TTL level logic input terminal
11
INA
Channel A TTL level logic input terminal
12
TRAP
Channel A transmit signal pulse transformer primary positive terminal
13
TRAN
Channel A transmit signal pulse transformer primary negative terminal
14
PGND2
Ground terminal; transmit signal transformer switch ground
15
CA
Channel A dead time capacitor terminal
16
TRBN
Channel B transmit signal pulse transformer primary negative terminal
17
TRBP
Channel B transmit signal pulse transformer primary positive terminal
18
CB
Channel B dead time capacitor terminal
19
VDD
3.3V LDO regulator output terminal
20
TEST
Test configuration terminal
21
VAUX
Auxiliary bootstrap supply winding terminal
22
VIN
Positive power supply input terminal
23
RCVBN
Channel B receive signal pulse transformer secondary negative terminal
24
RCVBP
Channel B receive signal pulse transformer secondary positive terminal
25
RCVAN
Channel A receive signal pulse transformer secondary negative terminal
26
RCVAP
Channel A receive signal pulse transformer secondary positive terminal
27
TRDCN
Power converter transformer primary negative terminal
28
PGND1
Ground terminal. power converter transformer switch ground
TRDCP - 1
FAULT2 - 8
GND - 2
MODE - 3
CLK - 6
FAULT1 - 7
FTLTRST - 4
RESET - 5
28 - PGND1
RBIAS - 9
27 - TRDCN
PGND2 - 14
INA - 11
INB - 10
TRAN - 13
TRAP - 12
15 - CA
16 - TRBN
17 - TRBP
18 - CB
19 - V
DD
20 - TEST
21 - V
AUX
22 - V
IN
23 - RCVBN
24 - RCVBP
25 - RCVAN
26 - RCVAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com