Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 4 Page - IXYS Corporation

  IX6610 Datasheet HTML 1Page - IXYS Corporation IX6610 Datasheet HTML 2Page - IXYS Corporation IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
PRELIMINARY
R00A
IX6610
1.3
Absolute Maximum Ratings @ 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
Typical values are characteristic of the device at +25°C, and are the result of engineering evaluations. They are provided for
information purposes only, and are not part of the manufacturing testing requirements.
Parameter
Symbol
Limits
Units
Supply voltage
VIN
-0.3 to 18V
Auxiliary winding voltage
VAUX
-0.3 to 6
V
LDO terminal voltage
VDD
-0.3 to 6
V
Logic input voltages
INA, INB, RESET, CLK, FLTRST, TEST, MODE
-0.3 to VDD+0.3
V
Analog I/O terminal voltages
CA, CB
-0.3 to VDD+0.3
V
Fault output terminal voltages
FAULT1, FAULT2
-0.3 to VDD+0.3
V
Pulse Transformer receive input terminal voltages
RCVAP, RCVAN, RCVBP, RCVBN
-0.3 to VDD+0.3
V
Pulse transformer driver output terminal voltages
TRAP, TRAN, TRBP, TRBN
-0.3 to VIN+0.3
V
Power converter transformer driver output terminal voltage
TRDCP, TRDCN
-0.3 to (2VIN+4)
V
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com