Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 20 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 20 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 15Page - IXYS Corporation IX6610 Datasheet HTML 16Page - IXYS Corporation IX6610 Datasheet HTML 17Page - IXYS Corporation IX6610 Datasheet HTML 18Page - IXYS Corporation IX6610 Datasheet HTML 19Page - IXYS Corporation IX6610 Datasheet HTML 20Page - IXYS Corporation IX6610 Datasheet HTML 21Page - IXYS Corporation IX6610 Datasheet HTML 22Page - IXYS Corporation IX6610 Datasheet HTML 23Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
PRELIMINARY
R00A
IX6610
2.1.13 3.3V LDO Regulator (VDD)
The LDO regulator provides 3.3V power to the
external MCU and most of the IX6610 internal circuits.
LDO is sourced from the VAUX pin, and powers up
along with the startup regulator (VCC). LDO is
designed for a fixed external load capacitor with a
predetermined ESR range.
To use the MODE control for an external VDD the
external power supply should be connected to the
3.3V VDD output pin only after the IX6610 starts with
its internal power supply and MODE pin is set logic
HIGH with current limiting resistor (~1k
) to prevent
powering logic from a signal source.
Notes on MODE feature to shut down the internal VDD
regulator:
• To avoid overstress to the device, it is recommended
to allow the internal regulators to power up prior to
connecting an external power supply via the MODE
feature.
• The external supply should not exceed V
CC (4.1V)
• The following diagram shows the device connections
of the internal regulator pass devices.
2.1.14 Dead Time Delay Capacitor Selection
Ceramic capacitors are recommended for CA and CB
dead time capacitors. They should be located as close
as possible to the pins and connected to a low noise
ground.
2.1.15 RESET
A Logic high level at the external reset pin disables the
power converter, the LDO, initiates power converter
startup sequence, and resets the fault flags. Holding
RESET low for sufficient time will lower the LDO
voltage to a level that may initiate a POR sequence in
the MCU. The RESET pin has an internal 20k
 pull
down resistor.
2.1.16 TEST
The TEST pin should be tied to ground.
V
IN=15V
V
AUX
~ 4.1V
V
DD
~ 3.3V
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com