Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 5 Page - IXYS Corporation

  IX6610 Datasheet HTML 1Page - IXYS Corporation IX6610 Datasheet HTML 2Page - IXYS Corporation IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IX6610
R00A
PRELIMINARY
5
1.4
ESD Warning
ESD (electrostatic discharge) sensitive device. Electrostatic charges can readily accumulate on test equipment and
the human body in excess of 4000V. This energy can discharge without detection. Although the IX6610 features
proprietary ESD protection circuitry, permanent damage may be sustained if subjected to high energy electrostatic
discharges. Proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
1.5
Electrical Characteristics
TA=-40°C to +85°C unless otherwise noted.
1.5.1
Input Power Supply
Logic and the output switches are conditioned to be in the appropriate logic state during the supply ramp-up. The
minimum VIN required for a stable logic state: VIN_MIN = 3V.
Note 1: Power supply current will depend on Secondary side power load, as well as transmit clock frequency and
RLOAD when Pulse transformers are sourced from VDD .
1.5.2
Thermal Characteristics
1.5.3
Auxiliary Winding Bootstrap Supply (VAUX)
The LDO pass device shuts off once the VTH_AUX voltage has been exceeded. The VAUX voltage pin can operate up
to ~(VIN -2V). The VAUX pin is only used to supply power to the VDD regulator pass device.
Note 1: VAUX can safely go higher than 6V but VAUX cannot exceed the VIN supply voltage.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Normal operating power supply voltage range
VIN
Nominal operating range
14
15
15.5
V
Power supply Current 1
IIN_TST
Test mode, VIN=15V, power converter
transformer disconnected, internal
oscillator, no external load on LDO
-1
3
mA
Power supply Current 2
IIN_NORMAL
Normal mode, VIN=15V,
fCLK = 200kHz
-
Note 1
-
mA
Parameter
Rating
Units
JA
25
°C/W
JC
8
°C/W
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Auxiliary winding voltage
VAUX
VIN = 14V to 15V,
power converter duty cycle
D= 35% to 50%
45
6
(Note 1)
V
VCC switch over threshold
VTH_AUX
Transfer the VCC regulator
load current from VIN to VAUX
-4-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com