Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation IX6610 Datasheet HTML 10Page - IXYS Corporation IX6610 Datasheet HTML 11Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IX6610
R00A
PRELIMINARY
7
1.5.8
Digital Input Interface and Dead Time Generator.
Note 1: INA will override INB and tPW is reduced by tINDEAD when INA overlaps INB.
Note 2: The formula for tINDEAD is 2000*CA or 2000*CB (CA or CB is the capacitor value in Farads). Example
2000*200e-12 = 400nS. The maximum value of tINDEAD is only limited by the application
1.5.9
External Clock and Internal Oscillator
To protect power converter switches, the power converter shuts down if the external converter clock (CLK) is high for
greater than tDOG_OSC (40s). The power converter will remain shut down until eight valid clocks are received.
1.5.10 Thermal Shutdown Circuit
Specifications are characterized and guaranteed by design. All units are not production tested.
1.5.11 UVLO Circuit
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INA, INB frequency
fINA, fINB
-
0
-
250
kHz
INA, INB input pulse width
tPW_INA, tPW_INB
(Note 1)
500
-
-
ns
INA, INB dead time no cap
tINDEAD_NOCAP
No capacitors at CA and CB pins
20
30
50
ns
INA,INB dead time programmable range
tINDEAD_RANGE
CA=CB=0nF
200
-
(Note 2)
ns
Reset pulse width
tPW_RESET
-
200
-
-
ns
Fault reset pulse width
tPW_FLTRST
-
200
-
-
ns
Parameter
Symbol
Conditions
Min
Typ
Max
Units
External clock
fCLK
Input from MCU
180
200
220
kHz
External clock duty cycle
DCLK
Input from MCU
10
-
50
%
External clock watchdog time out
tDOG_CLK
Information parameter
-
40
-
s
Internal oscillator frequency
fOSC
Information parameter
-
200
-
kHz
Internal oscillator divider output frequency
fDC_OSC
Measured at the power converter
driver output
65
100
140
kHz
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal shutdown rising threshold
tSHDN_RISE
-
+130
+145
+160
°C
Thermal shutdown hysteresis
tSHDN_HYS
--
20
-
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under voltage lockout threshold
UVLORISE
VIN UVLO rising threshold is measured by
monitoring state change at FAULT1
terminal.
10
11
12
V
Under voltage lockout hysteresis
UVLOHYST
--
0.5
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com