Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 2Page - IXYS Corporation IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation IX6610 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
PRELIMINARY
R00A
IX6610
1.5.4
Start Up Regulator (VCC)
1.5.5
LDO Regulator (VDD)
LDO is powered from the VAUX pin (Either Startup Regulator or Auxiliary Winding Voltage VAUX). LDO to supply the
MCU startup current of 50mA for 100ms.
1.5.6
Digital Input Terminals
1.5.7
Internal Voltage Reference
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Regulator output voltage
VCC
VIN=14V to 16V
3.9
4.1
4.3
V
Input line regulation
V
CC_VIN
VIN=8V to 16V
--
0.5
V
Output load regulation
V
CC_IL
VIN=15V, IVCC=1mA to 20mA
--
0.5
V
Dropout voltage
VDROP
VDROP=(VIN-VCC), IVDD=10mA
--
2
V
Short circuit output current
ICC_Short
VIN=15V
-
-
150
mA
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO output voltage
VDD
VIN = 15V, VAUX=5V, COUT=22F
33.3
3.6
V
Input line regulation
V
DD_VCC
VAUX=4V to 5.5V, IVDD=1mA
--
50
mV
Output load regulation
V
DD_IL
VIN=15V, VAUX=5V, IVDD=1mA to 50mA
--
50
mV
Short circuit output current
IDD_Short
VIN=15V, VAUX=5V
-
-
100
mA
Dropout voltage
VDROP
VDROP=VAUX-VDD, VIN=15V, IVDD=50mA
--
1
V
Output bypass capacitance ESR
CVDD_ESR
CVDD=22F, 1mA < IVDD < 50mA
0.3
-
-
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input leakage current
IINLKG
CLK, RESET, INA, INB, TEST=GND-1
-
1
A
Input pull-down current (25k
)
IINPD
CLK, RESET, INA, INB, TEST=VDD
75
130
300
A
Input leakage current
IFLTRST
FLTRST=GND or VDD
-1
-
1
A
Minimum high level input voltage
VIH
INA, INB, RESET, FLTRST, CLK, TEST
2
-
-
V
Maximum low level input voltage
VIL
INA, INB, RESET, FLTRST, CLK, TEST
-
-
0.8V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Internal voltage reference
VREF_INTERNAL
Measured @ RBIAS pin, VIN=15V, VCC=4.6V
1.21
1.26
1.31
V
Internal voltage reference tolerance
VREF_TOL
--4
-
+4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com