Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 22 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 22 Page - IXYS Corporation

Back Button IX6610 Datasheet HTML 15Page - IXYS Corporation IX6610 Datasheet HTML 16Page - IXYS Corporation IX6610 Datasheet HTML 17Page - IXYS Corporation IX6610 Datasheet HTML 18Page - IXYS Corporation IX6610 Datasheet HTML 19Page - IXYS Corporation IX6610 Datasheet HTML 20Page - IXYS Corporation IX6610 Datasheet HTML 21Page - IXYS Corporation IX6610 Datasheet HTML 22Page - IXYS Corporation IX6610 Datasheet HTML 23Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
PRELIMINARY
R00A
IX6610
3.5
Mechanical Dimensions
3.5.1
IX6610T 28-Pin TSSOP
3.5.2
IX6610T 28-Pin TSSOP Tape & Reel
NOTES:
1. JEDEC Outline: MO-153 AET Rev. F
2. Dimension does not include mold flash protrusions or gate burrs. Mold flash protrusions or
gate burrs shall not exceed 0.15 per side.
3. Dimension does not include interlead flash or protrusion. Interlead flash or protrusion shall
not exceed 0.25 per side.
4. Dimension does not include dambar protrusion. Allowable Dambar protrusion shall be
0.08mm total in excess of this dimension at maximum material condition. Dambar cannot
be located on the lower radius of the foot. Minimum space between protrusion and adjacent
lead is 0.07mm.
5. Package length and width to be determined at datum plane H.
(inches)
mm
DIMENSIONS
0.245 ± 0.055
(0.010 ± 0.002)
See Note 4
9.70 ± 0.10
(0.382 ± 0.004)
See Note 2
0.65 BSC
(0.026 BSC)
PIN 1
PIN 28
1.20 MAX
(0.047 MAX)
0.925 ± 0.125
(0.036 ± 0.005)
0.65
(0.026)
0.45
(0.018)
Recommended PCB Land Pattern
0.15 MAX
(0.006 MAX)
2.70 ± 0.30
(0.106 ± 0.012)
4.96 ± 0.55
(0.195 ± 0.022)
0.60 ± 0.15
(0.024 ± 0.006)
1.00 REF
(0.04 REF)
0.25
(0.01)
0.20 MIN
(0.008 MIN)
GAUGE PLANE
SEATING PLANE
0º-8º
H
5.80
(0.228)
1.50
(0.059)
0.10
(0.004)
0.127 TYP
(0.005 TYP)
3.00
(0.118)
5.50
(0.217)
Dimensions
mm
(inches)
W=16.00 ± 0.3
(0.630 ± 0.012)
B
0=10.30
(0.406)
A
0=6.50
(0.256)
P=8.00 ± 0.1
(0.315 ± 0.004)
2.0 ± 0.1
(0.08 ± 0.004)
4.0 ± 0.1
(0.16 ± 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
7.50 ± 0.10
(0.295 ± 0.004)
6.00
(0.236)
5.00
(0.197)
2.05
(0.081)
0.33 ± 0.03
(0.013 ± 0.001)
K
0=2.31
(0.091)
K
1=1.80
(0.071)
Notes:
1. Cumulative tolerance for 10 sprocket holes: ±0.20mm
2. Pocket position is true position of pocket relative to sprocket holes, not pocket hole
3. Camber not to exceed 1mm per 250mm in either direction
330.2 DIA.
(13.00 DIA.)
Embossment
Embossed Carrier
1.45
(0.057)
3 PL
1.5 MIN
(0.06 MIN)
1.5 +0.1 / -0.0 DIA
(0.059 +0.004 / -0.0 DIA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com