Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6610 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX6610
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610 Datasheet(HTML) 1 Page - IXYS Corporation

  IX6610 Datasheet HTML 1Page - IXYS Corporation IX6610 Datasheet HTML 2Page - IXYS Corporation IX6610 Datasheet HTML 3Page - IXYS Corporation IX6610 Datasheet HTML 4Page - IXYS Corporation IX6610 Datasheet HTML 5Page - IXYS Corporation IX6610 Datasheet HTML 6Page - IXYS Corporation IX6610 Datasheet HTML 7Page - IXYS Corporation IX6610 Datasheet HTML 8Page - IXYS Corporation IX6610 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DS-IX6610-R00A
PRELIMINARY
1
PGND1
PGND1
PGND1
V
DD
V
DD
PGND2
PGND2
PGND2
PGND2
V
DD
V
DD
Softstart Control
Output Power Select
Watchdog
Timer
Reset
Generator
POR
THSD
Oscillator
Clock
Select
Power Supply
Fault Logic
Output Fault
Logic
Internal
V
REF
OVLO
UVLO
Start-Up
Regulator
3.3V
LDO
Precision
Current
Generator
Soft-Start
Control
Dead Time
Generator
Channel A
Leading Edge Pulse
Channel A
Trailing Edge Pulse
Channel B
Leading Edge Pulse
Channel B
Trailing Edge Pulse
PGND2
PGND1
TRDCN
RCVAP
RCVAN
RCVBP
RCVBN
V
IN
V
AUX
TEST
V
DD
CB
TRBP
TRBN
CA
TRDCP
GND
MODE
FLTRST
RESET
CLK
FAULT1
FAULT2
RBIAS
INB
INA
TRAP
TRAN
PGND2
RST
EN2
vbg
vbg
+
-
2
1
3
4
5
6
7
8
9
10
11
12
13
14
17
16
15
18
19
20
21
22
23
24
25
26
27
28
Features
• TTL Logic level micro-controller Interface
• Pulse transformer bidirectional data interface
• Short input pulse suppression
• Interlock and dead time control
• Four 1A pulse transformer drivers
• Two 1A drivers for push-pull power converter for the
secondary side power supply
• Non-overlap operation of high side and low side
drivers
• Internal startup oscillator
• Primary side fault monitoring
• Secondary side fault monitoring
• Two fault status outputs
• 2mA quiescent current (non- switching)
Applications
• Pulse transformer coupled IGBT/MOSFET gate
driver interface
IX6610 Block Diagram
Description
The IX6610 is a primary side logic interface device
that implements a dual channel bidirectional
transformer interface to drive a secondary side
intelligent IGBT driver. The bidirectional transformer
interface transmits the primary side input commands,
secondary side output faults, and power supply faults.
Asynchronous data transmission is through high
frequency narrow pulses to avoid duty cycle
restrictions, to achieve shorter delays, and to prevent
any transformer core saturation issues. The IX6610
contains all the necessary blocks to implement a
power converter that supplies isolated power to the
secondary side IGBT drivers. IX6610 is a primary side
device with built-in interlock and dead time control that
can be interfaced directly to a low voltage
microcontroller to provide input signal conditioning as
well as fault management.
The IX6610 operates over a temperature range of
-40°C to +85°C. The IX6610 is available in either
28-lead TSSOP with exposed pad or as tested die.
Ordering Information
Part
Description
IX6610T
28-Pin TSSOP, in Tubes, Exposed Tab (50/Tube)
IX6610TR
28-Pin TSSOP, Exposed Pad, Tape & Reel (1000/Reel)
IX6610
Tested Die
IX6610
Transformer Coupled
Driver Logic Interface


Similar Part No. - IX6610

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
IX6611T IXYS-IX6611T Datasheet
1Mb / 15P
IGBT Gate Driver
IX6611TR IXYS-IX6611TR Datasheet
1Mb / 15P
IGBT Gate Driver
More results

Similar Description - IX6610

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8607 ZARLINK-SP8607 Datasheet
313Kb / 7P
emitter coupled logic divider
logo
OPTEK Technologies
OPI8137 OPTEK-OPI8137 Datasheet
174Kb / 4P
Optically Coupled Logic gate
logo
M/A-COM Technology Solu...
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-010061-CF4FA0 MA-COM-MABA-010061-CF4FA0_15 Datasheet
119Kb / 4P
Transformer, 1:4 Flux Coupled Transformer
MABA-011017 MA-COM-MABA-011017_15 Datasheet
644Kb / 4P
Transformer, 2:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
Transformer, 1:1 Flux Coupled Transformer
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160_15 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com