Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 14 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 10Page - Texas Instruments DLP4710AFQL Datasheet HTML 11Page - Texas Instruments DLP4710AFQL Datasheet HTML 12Page - Texas Instruments DLP4710AFQL Datasheet HTML 13Page - Texas Instruments DLP4710AFQL Datasheet HTML 14Page - Texas Instruments DLP4710AFQL Datasheet HTML 15Page - Texas Instruments DLP4710AFQL Datasheet HTML 16Page - Texas Instruments DLP4710AFQL Datasheet HTML 17Page - Texas Instruments DLP4710AFQL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
0.0 * VDD
0.2 * VDD
0.3 * VDD
0.7 * VDD
0.8 * VDD
1.0 * VDD
VIH(AC)
VIH(DC)
VIL(DC)
VIL(AC)
tf
tr
LS_CLK, LS_WDATA
0.0 * VDD
0.2 * VDD
0.8 * VDD
1.0 * VDD
tf
tr
DMD_DEN_ARSTZ
LS_ WDATA
LS_CLK
tw(H)
tw(L)
tc
50%
50%
50%
50%
50%
th
tsu
twindow
14
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Timing Requirements (continued)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
tWINDOW
Window time
Setup time + Hold time, Figure 6,
Figure 7
3.0
ns
tLVDS-
ENABLE+REFGEN
Power-up receiver(4)
2000
ns
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in
JEDEC Standard No. 209B, Low Power Double Data Rate (LPDDR) JESD209B.
Figure 2. LPSDR Switching Parameters
Figure 3. LPSDR Input Rise and Fall Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com