Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 26Page - Texas Instruments DLP4710AFQL Datasheet HTML 27Page - Texas Instruments DLP4710AFQL Datasheet HTML 28Page - Texas Instruments DLP4710AFQL Datasheet HTML 29Page - Texas Instruments DLP4710AFQL Datasheet HTML 30Page - Texas Instruments DLP4710AFQL Datasheet HTML 31Page - Texas Instruments DLP4710AFQL Datasheet HTML 32Page - Texas Instruments DLP4710AFQL Datasheet HTML 33Page - Texas Instruments DLP4710AFQL Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
FLASH,
SDRAM
Keypad
PROJ_ON
eDRAM
Flash
Projector Module Electronics
Included in DLP® Chip Set
Non-TI components
I2C
28
Parallel
Front-End
Chip
- OSD
- AutoLock
- Scaler
- KS Corr.
- uController
HOST_IRQ
DLPC34XX
SPI_0
HDMI
Receiver
Triple
ADC
DC Supplies
Charger
DC_IN
BAT
6-20VDC
VDD
On/Off
RESETZ
eDRAM
INTZ
PARKZ
SPI_0
Parallel
Sub-LVDS DATA
LS_RDATA
1.1V
1.8V
VCORE
VIO
VCC_INTF
VCC_FLSH
1.1 V
1.8 V
VCORE
VIO
VCC_INTF
VCC_FLSH
HDMI
VGA
I2C_0
I2C_1
I2C_0
SD Card
Reader, Video
Decoder, etc.
DSI I/F, CPU I/F, and BT656 I/F are not
supported for dual ASIC.
LED_SEL(2)
WVGA
DDR DMD
1080P
DMD
RESETZ
CMP_PWM
PROJ_ON
CMP_OUT
INTZ
Illumination
Optics
3
VBIAS, VRST, VOFS
Thermistor
LABB
4
L3
SYSPWR
1.1 V
Reg
L1
L2
VLED
BLUE
GREEN
RED
Current
Sense
WPC
GPIO_8 (Normal Park)
1.8V
VSPI
PARKZ
SPI_1
Sub-LVDS DATA
LS CTRL
L4
1.8 V
Reg
DLPC34XX
DLPA3000
PAD Control
L5
DC
Reg
3.3 V (to front-end chip)
2.5 V (to front-end chip)
LDO#1
LDO#2
GPIO_14-19
Image Sync
Fan or a programmable
DC supply
1.8 V for DMD and DPP3439s
1.1 V for DPP3439s
VIN
3DR
3D L/R
3DR
Flash
Oscillator
GPIO_09
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
30
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 20. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com