Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 21Page - Texas Instruments DLP4710AFQL Datasheet HTML 22Page - Texas Instruments DLP4710AFQL Datasheet HTML 23Page - Texas Instruments DLP4710AFQL Datasheet HTML 24Page - Texas Instruments DLP4710AFQL Datasheet HTML 25Page - Texas Instruments DLP4710AFQL Datasheet HTML 26Page - Texas Instruments DLP4710AFQL Datasheet HTML 27Page - Texas Instruments DLP4710AFQL Datasheet HTML 28Page - Texas Instruments DLP4710AFQL Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Illumination
Direction
Off-state
Light
TP1
Window Edge
(4 surfaces)
TP1
TP5
TP5
TP4
TP4
TP2
TP3 (TP2)
TP3
12.70
2.00
2X 12.89
2X 5.50
25
DLP4710
www.ti.com
DLPS125 – NOVEMBER 2018
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Optical Interface and System Image Quality Considerations (continued)
7.5.1.3 Illumination Overfill
The active area of the device is surrounded by an aperture on the inside DMD window surface that masks
structures of the DMD chip assembly from normal view, and is sized to anticipate several optical operating
conditions. Overfill light illuminating the window aperture can create artifacts from the edge of the window
aperture opening and other surface anomalies that may be visible on the screen. The illumination optical system
should be designed to limit light flux incident anywhere on the window aperture from exceeding approximately
10% of the average flux level in the active area. Depending on the particular system’s optical architecture, overfill
light may have to be further reduced below the suggested 10% level in order to be acceptable.
7.6 Micromirror Array Temperature Calculation
Figure 18. DMD Thermal Test Points
Micromirror array temperature can be computed analytically from measurement points on the outside of the
package, the ceramic package thermal resistance, the electrical power dissipation, and the illumination heat load.
The relationship between micromirror array temperature and the reference ceramic temperature is provided by
the following equations:
TARRAY = TCERAMIC + (QARRAY × RARRAY–TO–CERAMIC)
(1)
QARRAY = QELECTRICAL + QILLUMINATION
(2)
QILLUMINATION = (CL2W × SL)
•
TARRAY = Computed DMD array temperature (°C)
•
TCERAMIC = Measured ceramic temperature (°C), TP1 location in Figure 18
•
RARRAY–TO–CERAMIC = DMD package thermal resistance from array to outside ceramic (°C/W) specified in
Thermal Information
•
QARRAY = Total DMD power; electrical plus absorbed (calculated) (W)
•
QELECTRICAL = Nominal DMD electrical power dissipation (W)
•
CL2W = Conversion constant for screen lumens to absorbed optical power on the DMD (W/lm) specified below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com