Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 27Page - Texas Instruments DLP4710AFQL Datasheet HTML 28Page - Texas Instruments DLP4710AFQL Datasheet HTML 29Page - Texas Instruments DLP4710AFQL Datasheet HTML 30Page - Texas Instruments DLP4710AFQL Datasheet HTML 31Page - Texas Instruments DLP4710AFQL Datasheet HTML 32Page - Texas Instruments DLP4710AFQL Datasheet HTML 33Page - Texas Instruments DLP4710AFQL Datasheet HTML 34Page - Texas Instruments DLP4710AFQL Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31
DLP4710
www.ti.com
DLPS125 – NOVEMBER 2018
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.1 Design Requirements
A pico-projector is created by using a DLP chip set comprised of a DLP4710 DMD, two DLPC3439 or DLPC3479
controllers and a DLPA3000/DLPA3005 PMIC/LED driver. The DLPC3439 or DLPC3479 controllers do the digital
image processing, the DLPA3000/DLPA3005 provides the needed analog functions for the projector, and the
DLP4710 DMD is the display device for producing the projected image.
In addition to the three DLP chips in the chip set, other chips are needed. At a minimum a Flash part is needed
to store the software and firmware to control each DLPC3439 or DLPC3479 controller.
The illumination light that is applied to the DMD is typically from red, green, and blue LEDs. These are often
contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
For connecting the DLPC3439 or DLPC3479 controllers to the multimedia front end for receiving images, a 24-bit
parallel interface is used. An I2C interface should be connected to the multimedia front end for sending
commands to one of the DLPC3439 or DLPC3479 controllers for configuring the DLPC3439 or DLPC3479
controller for different features.
8.2.2 Detailed Design Procedure
For connecting the two DLPC3439 or DLPC3479 controllers, the DLPA3000/DLPA3005, and the DLP4710 DMD,
see the reference design schematic. When a circuit board layout is created from this schematic a very small
circuit board is possible. An example small board layout is included in the reference design data base. Layout
guidelines should be followed to achieve a reliable projector.
The optical engine that has the LED packages and the DMD mounted to it is typically supplied by an optical
OEM who specializes in designing optics for DLP projectors.
8.2.3 Application Curve
As the LED currents that are driven time-sequentially through the red, green, and blue LEDs are increased, the
brightness of the projector increases. This increase is somewhat non-linear, and the curve for typical white
screen lumens changes with LED currents is as shown in Figure 21. For the LED currents shown, it’s assumed
that the same current amplitude is applied to the red, green, and blue LEDs.
SPACE
Figure 21. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com