Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 40 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 35Page - Texas Instruments DLP4710AFQL Datasheet HTML 36Page - Texas Instruments DLP4710AFQL Datasheet HTML 37Page - Texas Instruments DLP4710AFQL Datasheet HTML 38Page - Texas Instruments DLP4710AFQL Datasheet HTML 39Page - Texas Instruments DLP4710AFQL Datasheet HTML 40Page - Texas Instruments DLP4710AFQL Datasheet HTML 41Page - Texas Instruments DLP4710AFQL Datasheet HTML 42Page - Texas Instruments DLP4710AFQL Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
SECTION A-A
NOTCH OFFSETS
DETAIL B
V-NOTCH
SCALE 30 : 1
2
1
3
4
5
6
7
8
D
C
B
A
DWG NO.
SH
8
7
6
5
4
3
1
D
C
B
A
INV11-2006a
2513652
1
TITLE
SIZE
DWG NO
REV
SCALE
SHEET
OF
DATE
ENGINEER
QA/CE
CM
APPROVED
DRAWN
INSTRUMENTS
Dallas Texas
APPLICATION
NEXT ASSY
USED ON
THIRD ANGLE
PROJECTION
TEXAS
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES:
ANGLES
1
2 PLACE DECIMALS
0.25
1 PLACE DECIMALS
0.50
DIMENSIONAL LIMITS APPLY BEFORE PROCESSES
INTERPRET DIMENSIONS IN ACCORDANCE WITH ASME
Y14.5M-1994
REMOVE ALL BURRS AND SHARP EDGES
PARENTHETICAL INFORMATION FOR REFERENCE ONLY
ICD, MECHANICAL, DMD,
.47 1080p SERIES 312
(FQL PACKAGE)
2513652
1
3
D
D
2/20/2014
15:1
P. KONRAD
S. SUSI
R. LONG
2/26/2014
2/25/2014
2/26/2014
2/20/2014
0314DA
B. HASKETT
NOTES UNLESS OTHERWISE SPECIFIED:
REVISIONS
COPYRIGHT 2014 TEXAS INSTRUMENTS
UN-PUBLISHED, ALL RIGHTS RESERVED.
C
B. HASKETT
M. DORAK
2/23/2014
A
A
J
J
REV
DESCRIPTION
DATE
BY
A
ECO 2140050: INITIAL RELEASE
2/20/2014
BMH
B
ECO 2140429: CORRECT DATUM C IN VIEW J-J, SH. 3
3/6/2014
BMH
C
ECO 2142093: DELETE BACK SIDE FLATNESS SPEC
5/22/2014
BMH
D
ECO 2145057: ADD "FQL PACKAGE" TO DRAWING TITLE
7/20/2016
BMH
0.78
0.063
1.403
0.077
1.1
0.05
D
(2.183)
A
3 SURFACES INDICATED
IN VIEW D (SHEET 2)
NOTCH DIMENSIONS ARE DEFINED BY UPPERMOST LAYERS OF CERAMIC, AS SHOWN IN SECTION A-A.
SEE DETAIL B FOR "V-NOTCH" DIMENSIONS.
DIE PARALLELISM TOLERANCE APPLIES TO DMD ACTIVE ARRAY ONLY.
WHILE ONLY THE THREE DATUM A TARGET AREAS A1, A2, AND A3 ARE USED FOR MEASUREMENT, ALL
4 CORNERS SHOULD BE CONTACTED, INCLUDING E1, TO SUPPORT MECHANICAL LOADS.
ENCAPSULANT TO BE CONTAINED WITHIN DIMENSIONS SHOWN IN VIEW D (SHEET 2). NO
ENCAPSULANT IS ALLOWED ON TOP OF THE WINDOW.
ENCAPSULANT NOT TO EXCEED THE HEIGHT OF THE WINDOW.
ROTATION ANGLE OF DMD ACTIVE ARRAY IS A REFINEMENT OF THE LOCATION TOLERANCE AND HAS
A MAXIMUM ALLOWED VALUE OF 0.6 DEGREES.
BOUNDARY MIRRORS SURROUNDING THE DMD ACTIVE ARRAY.
1
6
5
(ILLUMINATION
DIRECTION)
ACTIVE ARRAY
0.042 A
 0.02D
(SHEET 3)
(SHEET 3)
4
3
(3) 1
4
1
(OFF-STATE
DIRECTION)
24.5 - 0.1
0.3
+
11 - 0.1
0.3
+
5.5 - 0.1
0.2
+
4X (R0.2)
1.5
(1.6)
0.4 MIN TYP.
0 MIN TYP.
0.188 - 0.1
0.2
+
1
1.6
0.1
2X ENCAPSULANT
1
1
5
FRONT SIDE
INDEX MARK
B
4 - 0.1
0.2
+
3
0.075
1.5
C
0.4
R
0.1
2X
23.012
0.1
1
1
0.6
R
0.1
45°
1°
45°
1°
(3)
(0.2)
2X
(1)
(1.3)
1
1
1
7
8
2
3
4
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com