Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 18Page - Texas Instruments DLP4710AFQL Datasheet HTML 19Page - Texas Instruments DLP4710AFQL Datasheet HTML 20Page - Texas Instruments DLP4710AFQL Datasheet HTML 21Page - Texas Instruments DLP4710AFQL Datasheet HTML 22Page - Texas Instruments DLP4710AFQL Datasheet HTML 23Page - Texas Instruments DLP4710AFQL Datasheet HTML 24Page - Texas Instruments DLP4710AFQL Datasheet HTML 25Page - Texas Instruments DLP4710AFQL Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
22
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
See Optical Interface and System Image Quality Considerations for more information.
(2)
See the package mechanical characteristics for details regarding the size and location of the window aperture.
(3)
The active area of the DLP4710 device is surrounded by an aperture on the inside of the DMD window surface that masks structures of
the DMD device assembly from normal view. The aperture is sized to anticipate several optical conditions. Overfill light illuminating the
area outside the active array can scatter and create adverse effects to the performance of an end application using the DMD. The
illumination optical system should be designed to limit light flux incident outside the active array to less than 10% of the average flux
level in the active area. Depending on the particular system's optical architecture and assembly tolerances, the amount of overfill light on
the outside of the active array may cause system performance degradation.
6.12 Window Characteristics
PARAMETER(1)
MIN
NOM
MAX
UNIT
Window material designation
Corning Eagle XG
Window refractive index
at wavelength 546.1 nm
1.5119
Window aperture(2)
See (2)
Illumination overfill(3)
See (3)
Window transmittance, single-pass
through both surfaces and glass
Minimum within the wavelength range
420 to 680 nm. Applies to all angles 0°
to 30° AOI.
97%
Window Transmittance, single-pass
through both surfaces and glass
Average over the wavelength range 420
to 680 nm. Applies to all angles 30° to
45° AOI.
97%
SPACER
6.13 Chipset Component Usage Specification
The DLP4710 device is a component of one or more DLP chipsets. Reliable function and operation of the device
requires that it be used in conjunction with the other components of the applicable DLP chipset, including those
components that contain or implement TI DMD control technology. TI DMD control technology is the TI
technology and devices for operating or controlling a DLP DMD.
NOTE
TI assumes no responsibility for image quality artifacts or DMD failures caused by optical
system operating conditions exceeding limits described previously
6.14 Software Requirements
CAUTION
The DLP4710 DMD has mandatory software requirements. Refer to Software
Requirements for TI DLP® Pico™ TRP Digital Micromirror Devices application report
for additional information. Failure to use the specified software will result in failure at
power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com