Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 20Page - Texas Instruments DLP4710AFQL Datasheet HTML 21Page - Texas Instruments DLP4710AFQL Datasheet HTML 22Page - Texas Instruments DLP4710AFQL Datasheet HTML 23Page - Texas Instruments DLP4710AFQL Datasheet HTML 24Page - Texas Instruments DLP4710AFQL Datasheet HTML 25Page - Texas Instruments DLP4710AFQL Datasheet HTML 26Page - Texas Instruments DLP4710AFQL Datasheet HTML 27Page - Texas Instruments DLP4710AFQL Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Power Interface
The power management IC, DLPA3000/DLPA3005, contains three regulated DC supplies for the DMD reset
circuitry: VBIAS, VRESET and VOFFSET, as well as the 2 regulated DC supplies for the DLPC3439 or
DLPC3479 controller.
7.3.2 Low-Speed Interface
The Low Speed Interface handles instructions that configure the DMD and control reset operation. LS_CLK is the
low–speed clock, and LS_WDATA is the low speed data input.
7.3.3 High-Speed Interface
The purpose of the high-speed interface is to transfer pixel data rapidly and efficiently, making use of high speed
DDR transfer and compression techniques to save power and time. The high-speed interface is composed of
differential SubLVDS receivers for inputs, with a dedicated clock.
7.3.4 Timing
The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its
transmission line effects must be taken into account. Figure 13 shows an equivalent test load circuit for the
output under test. Timing reference loads are not intended as a precise representation of any particular system
environment or depiction of the actual load presented by a production test. System designers should use IBIS or
other simulation tools to correlate the timing reference load to a system environment. The load capacitance value
stated is only for characterization and measurement of AC timing signals. This load capacitance value does not
indicate the maximum load the device is capable of driving.
7.4 Device Functional Modes
DMD functional modes are controlled by the DLPC3439 or DLPC3479 controller. See the DLPC3439/ DLPC3479
controller data sheet or contact a TI applications engineer.
7.5 Optical Interface and System Image Quality Considerations
7.5.1 Optical Interface and System Image Quality
TI assumes no responsibility for end-equipment optical performance. Achieving the desired end-equipment
optical performance involves making trade-offs between numerous component and system design parameters.
Optimizing system optical performance and image quality strongly relate to optical system design parameter
trades. Although it is not possible to anticipate every conceivable application, projector image quality and optical
performance is contingent on compliance to the optical system operating conditions described in the following
sections.
7.5.1.1 Numerical Aperture and Stray Light Control
The angle defined by the numerical aperture of the illumination and projection optics at the DMD optical area
should be the same. This angle should not exceed the nominal device micromirror tilt angle unless appropriate
apertures are added in the illumination and/or projection pupils to block out flat-state and stray light from the
projection lens. The micromirror tilt angle defines DMD capability to separate the "ON" optical path from any
other light path, including undesirable flat–state specular reflections from the DMD window, DMD border
structures, or other system surfaces near the DMD such as prism or lens surfaces. If the numerical aperture
exceeds the micromirror tilt angle, or if the projection numerical aperture angle is more than two degrees larger
than the illumination numerical aperture angle (and vice versa), contrast degradation and objectionable artifacts
in the display border and/or active area could occur.
7.5.1.2 Pupil Match
TI’s optical and image quality specifications assume that the exit pupil of the illumination optics is nominally
centered within 2° of the entrance pupil of the projection optics. Misalignment of pupils can create objectionable
artifacts in the display’s border and/or active area, which may require additional system apertures to control,
especially if the numerical aperture of the system exceeds the pixel tilt angle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com