Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 3 Page - Texas Instruments

  DLP4710AFQL Datasheet HTML 1Page - Texas Instruments DLP4710AFQL Datasheet HTML 2Page - Texas Instruments DLP4710AFQL Datasheet HTML 3Page - Texas Instruments DLP4710AFQL Datasheet HTML 4Page - Texas Instruments DLP4710AFQL Datasheet HTML 5Page - Texas Instruments DLP4710AFQL Datasheet HTML 6Page - Texas Instruments DLP4710AFQL Datasheet HTML 7Page - Texas Instruments DLP4710AFQL Datasheet HTML 8Page - Texas Instruments DLP4710AFQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
2
A
3
4
5
6
B
C
D
E
F
G
H
J
K
L
25
26
27
28
29
30
31
3
DLP4710
www.ti.com
DLPS125 – NOVEMBER 2018
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Low speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC Standard
No. 209B, Low Power Double Data Rate (LPDDR) JESD209B.
(2)
Net trace lengths inside the package:
Relative dielectric constant for the FQL ceramic package is 9.8.
Propagation speed = 11.8 / sqrt (9.8) = 3.769 inches/ns.
Propagation delay = 0.265 ns/inch = 265 ps/inch = 10.43 ps/mm.
5 Pin Configuration and Functions
FQL Package
100-Pin LGA
Bottom View
Pin Functions – Connector Pins(1)
PIN
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
DATA INPUTS
D_AN(0)
G3
I
SubLVDS
Double
Data, Negative
5.01
D_AN(1)
F4
I
SubLVDS
Double
Data, Negative
2.03
D_AN(2)
E3
I
SubLVDS
Double
Data, Negative
2.41
D_AN(3)
E6
I
SubLVDS
Double
Data, Negative
4.71
D_AN(4)
J5
I
SubLVDS
Double
Data, Negative
3.23
D_AN(5)
L5
I
SubLVDS
Double
Data, Negative
3.87
D_AN(6)
G5
I
SubLVDS
Double
Data, Negative
6.32
D_AN(7)
L3
I
SubLVDS
Double
Data, Negative
1.84
D_AP(0)
H3
I
SubLVDS
Double
Data, Positive
5.01
D_AP(1)
G4
I
SubLVDS
Double
Data, Positive
2.03
D_AP(2)
E4
I
SubLVDS
Double
Data, Positive
2.41
D_AP(3)
E5
I
SubLVDS
Double
Data, Positive
4.71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com