Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 1 Page - Texas Instruments

  DLP4710AFQL Datasheet HTML 1Page - Texas Instruments DLP4710AFQL Datasheet HTML 2Page - Texas Instruments DLP4710AFQL Datasheet HTML 3Page - Texas Instruments DLP4710AFQL Datasheet HTML 4Page - Texas Instruments DLP4710AFQL Datasheet HTML 5Page - Texas Instruments DLP4710AFQL Datasheet HTML 6Page - Texas Instruments DLP4710AFQL Datasheet HTML 7Page - Texas Instruments DLP4710AFQL Datasheet HTML 8Page - Texas Instruments DLP4710AFQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DLP DMD
Digital
Micromirror
Device
D_BP(0:7)
LS_RDATA_B
DCLK_BP
D_AP(0:7)
D_AN(0:7)
DCLK_AP
DCLK_AN
DMD_DEN_ARSTZ
LS_WDATA
LS_CLK
LS_RDATA
VDDI
VDD
VSS
(System signal routing omitted for clarity)
D_BP(0:7)
DCLK_BN
DLP
Pico Processor
120 MHz
SDR
Interface
600 MHz
SubLVDS
DDR
Interface
Master
DLP
Pico Processor
120 MHz
SDR
Interface
600 MHz
SubLVDS
DDR
Interface
Slave
DLP Pico Analog Device
VOFFSET
VBIAS
VRESET
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLP4710
DLPS125 – NOVEMBER 2018
DLP4710 0.47 1080p DMD
1
1 Features
1
•
0.47-Inch (11.93-mm) Diagonal Micromirror Array
–
1920 × 1080 Array of Aluminum Micrometer-
Sized Mirrors, in an Orthogonal Layout
–
Micron Micromirror Pitch: 5.4
–
Micromirror Tilt (Relative to Flat Surface): ±17°
–
Bottom Illumination for Optimal Efficiency and
Optical Engine Size
–
Polarization Independent Aluminum
Micromirror Surface
•
32-Bit SubLVDS Input Data Bus
•
Dedicated DLPC3439 or DLP3479 Light and
Display Controllers
•
Dedicated DLPA3000 or DLPA3005 PMIC/LED
Drivers for Reliable Operation
2 Applications
•
Smart Full HD Projector
•
Mobile Accessory Full HD Projector
•
Screenless Display
•
Interactive Display
•
Low Latency Gaming Display
•
Head Mounted Display
3 Description
The DLP4710 digital micromirror device (DMD) is a
digitally
controlled
micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DLP4710 DMD displays a very crisp and high quality
image or video. The device is a component of the
chipset comprising the DLP4710 DMD, DLPC3439 or
DLPC3479
controller
and
DLPA3000/DLPA3005
PMIC/LED drivers. The compact physical size of the
DLP4710
coupled
with
the
controller
and
the
PMIC/LED
driver
provides
a
complete
system
solution that enables small form factor, low power,
and high resolution HD displays.
Visit the getting started with TI DLP® PicoTM display
technology page to learn how to get started with the
DLP4710.
The
DLP4710
ecosystem
includes
established
resources to help the user accelerate the design
cycle,
which
include
production
ready
optical
modules, optical modules manufactures, and design
houses.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLP4710
FQL (100)
24.50-mm × 11-mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DLP® DLP4710 0.47 1080p Chipset


Similar Part No. - DLP4710AFQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
DMD
DLP4710 TI1-DLP4710 Datasheet
846Kb / 39P
0.47 1080p DMD
DLP4710FQL TI1-DLP4710FQL Datasheet
846Kb / 39P
0.47 1080p DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
DLP4710LC TI2-DLP4710LC Datasheet
1Mb / 45P
DLP4710LC 0.47 1080p Digital Micromirror Device
REVISED JULY 2023
More results

Similar Description - DLP4710AFQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710 TI1-DLP4710_16 Datasheet
846Kb / 39P
0.47 1080p DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
0.33 1080p DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
0.47 1080P DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
0.47 4K UHD DMD
DLP3310 TI1-DLP3310_18 Datasheet
901Kb / 41P
DLP3310 0.33 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
23 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
DLP4710LC 0.47 1080p DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
DLP651NE 0.65 1080p DMD
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
DLP781NE 0.78 1080P DMD
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com