Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 8Page - Texas Instruments DLP4710AFQL Datasheet HTML 9Page - Texas Instruments DLP4710AFQL Datasheet HTML 10Page - Texas Instruments DLP4710AFQL Datasheet HTML 11Page - Texas Instruments DLP4710AFQL Datasheet HTML 12Page - Texas Instruments DLP4710AFQL Datasheet HTML 13Page - Texas Instruments DLP4710AFQL Datasheet HTML 14Page - Texas Instruments DLP4710AFQL Datasheet HTML 15Page - Texas Instruments DLP4710AFQL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The DMD is designed to conduct absorbed and dissipated heat to the back of the package. The cooling system must be capable of
maintaining the package within the temperature range specified in the Recommended Operating Conditions. The total heat load on the
DMD is largely driven by the incident light absorbed by the active area; although other contributions include light energy absorbed by the
window aperture and electrical power dissipation of the array. Optical systems should be designed to minimize the light energy falling
outside the window clear aperture since any additional thermal load in this area can significantly degrade the reliability of the device.
6.5 Thermal Information
THERMAL METRIC(1)
DLP4710
UNIT
FQL (LGA)
100 PINS
Thermal resistance
Active area to test point 1 (TP1)(1)
1.1
°C/W
(1)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
(2)
All voltage values are with respect to the ground pins (VSS).
(3)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(4)
Supply power dissipation based on non–compressed commands and data.
(5)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(6)
Supply power dissipation based on 3 global resets in 200 µs.
(7)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are
also required.
(8)
LPSDR specifications are for pins LS_CLK and LS_WDATA.
(9)
Low-speed interface is LPSDR and adheres to the Electrical Characteristics and AC/DC Operating Conditions table in JEDEC Standard
No. 209B, Low-Power Double Data Rate (LPDDR) JESD209B.
6.6 Electrical Characteristics
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
CURRENT
IDD
Supply current: VDD(3) (4)
VDD = 1.95 V
260
mA
VDD = 1.8 V
180
IDDI
Supply current: VDDI(3) (4)
VDDI = 1.95 V
62
mA
VDDI = = 1.8 V
40
IOFFSET
Supply current: VOFFSET(5) (6)
VOFFSET = 10.5 V
7.4
mA
VOFFSET = 10 V
6.3
IBIAS
Supply current: VBIAS(5) (6)
VBIAS = 18.5 V
1.1
mA
VBIAS = 18 V
0.9
IRESET
Supply current: VRESET(6)
VRESET = –14.5 V
5.4
mA
VRESET = –14 V
4.4
POWER(7)
PDD
Supply power dissipation: VDD(3)
(4)
VDD = 1.95 V
507
mW
VDD = 1.8 V
324
PDDI
Supply power dissipation: VDDI(3)
(4)
VDDI = 1.95 V
120.9
mW
VDD = 1.8 V
72
POFFSET
Supply power dissipation:
VOFFSET(5) (6)
VOFFSET = 10.5 V
77.7
mW
VOFFSET = 10 V
63
PBIAS
Supply power dissipation:
VBIAS(5) (6)
VBIAS = 18.5 V
20.35
mW
VBIAS = 18 V
16.2
PRESET
Supply power dissipation:
VRESET(6)
VRESET = –14.5 V
78.3
mW
VRESET = –14 V
61.6
PTOTAL
Supply power dissipation: Total
536.8
804.25
mW
LPSDR INPUT(8)
VIH(DC)
DC input high voltage(9)
0.7 × VDD
VDD + 0.3
V
VIL(DC)
DC input low voltage(9)
–0.3
0.3 × VDD
V
VIH(AC)
AC input high voltage(9)
0.8 × VDD
VDD + 0.3
V
VIL(AC)
AC input low voltage(9)
–0.3
0.2 × VDD
V
∆VT
Hysteresis ( VT+ – VT– )
Figure 10
0.1 × VDD
0.4 × VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com