Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP4710AFQL Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLP4710AFQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710AFQL Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLP4710AFQL Datasheet HTML 14Page - Texas Instruments DLP4710AFQL Datasheet HTML 15Page - Texas Instruments DLP4710AFQL Datasheet HTML 16Page - Texas Instruments DLP4710AFQL Datasheet HTML 17Page - Texas Instruments DLP4710AFQL Datasheet HTML 18Page - Texas Instruments DLP4710AFQL Datasheet HTML 19Page - Texas Instruments DLP4710AFQL Datasheet HTML 20Page - Texas Instruments DLP4710AFQL Datasheet HTML 21Page - Texas Instruments DLP4710AFQL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
CL
Tester Channel
Output Under Test
Data Sheet Timing Reference Point
Device Pin
Stop
Start
LS_CLK
LS_WDATA
LS_RDATA
Acknowledge
tPD
VIH
Δ VT
VT+
VT-
VIL
LS_WDATA
LS_CLK
Not to Scale
18
DLP4710
DLPS125 – NOVEMBER 2018
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
Figure 11. LPSDR Input Hysteresis
Figure 12. LPSDR Read Out
See Timing for more information.
Figure 13. Test Load Circuit for Output Propagation Measurement
6.8 Switching Characteristics
(1)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Output propagation, Clock to Q, rising
edge of LS_CLK input to LS_RDATA
output. Figure 12
CL = 45 pF
15
ns
Slew rate, LS_RDATA
0.5
V/ns
Output duty cycle distortion, LS_RDATA
40%
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com