Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
11
2.4 Miscellaneous
Signal Name
Type Pin No.
Description
LCLK
I
133
Local Clock : Must be run at 25Mhz . Used for transmit data to PHY devices,
/RST
I
131
Reset : The chip is reset when this signal is asserted Low.
NC
or
/LSEL10
I/PU
110
NC : No Connection When MODE=”1”.
/LSEL10 : When MODE=”0” , This pin select 10Mbps global LED status
(
utilization (%) and collision (%) ) when ‘low’ ; Otherwise , 100Mbps
LED status is selected.
NC
or
/LCOL10
O/ML
111
NC : No Connection When MODE=”1”.
/LCOL : When MODE=”0” , This pin drives 10Mbps collision LED directly.
MCLK
O
72
MII Clock Out : 2.5MHz 10Mbps MII reference clock
MDO
O
71
Station Management Data Out : For setup PHY auto-negotiation registers.
A burst write commands are issue to setup PHY register after reset. The PHY
address 4h, 5h, 6h, 7h, 8h, 9h,Ah and Bh will be written as register 4h to
value 00A1h ( Advertise register set to 10/100 half-duplex mode)and register
0h to value 1000h(Enable auto-negotiation).
MDC
O
70
Station Management Data Clock Out : For MDO reference clock.
TEST1
I/PD
130
Test Pin : The pin is just for test mode setting purpose only. Must be pull low
when normal operation.
/TEST2
I/PU
114
Test Pin : The pin is just for test mode setting purpose only. Must be pull high
when normal operation.
/HALF10
I/PU
134
Half-duplex mode in 10Mbps : Pull low with 10K ohm resister for 10Mbps
PHY in half-duplex mode.
PULL_DN
I
11, 12, 46
136, 137
Pull Down : Those pins are not use for application. Designer must pull them
down or tie to ground.
SET2, SET1,
SET0
O
49, 48,
47
Setup Pins : Those pins are power on configuration use. Default internal pull
high. If necessary, pull low with 10K ohm resister. Tie to ground is
prohibited.
VDD
I
1, 13, 38
50, 55, 81
103, 109
125, 135
138
POWER : +5V +/-5%
VSS
I
10, 14, 29
45, 54, 68
89, 98,
108, 120,
132, 139
148,
POWER: 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com