Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 23 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 20Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 21Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 22Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 23Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
23
Appendix B: Using MII I/F connects to MAC
Using MII interface to connect to MAC type device application for AX88875A is illustrated bellow.
10K
Gnd
AX88875 / Repeater
AX88195 / MAC
Note : 1. The MAC needs to run at halfduplex mode.
2. Care must be taken that the receive side has enough setup and/or hold time
3. Some kind of CPU with embbeded MAC can also refer to this example
Using MII interface to connect to 10Mbps MAC device application for AX88875A is illustrated bellow.
10K
Gnd
AX88875 / Repeater
10Mbps MAC
COL_O4
TXEN4
(LCLK)
TXD4[3:0]
TXER4
CRS4
RXDV4
RXCLK4
RXD4[3:0]
RXER4
COL
CRS
RX_DV
RX_CLK
RXD[3:0]
RX_ER
TX_EN
TX_CLK
TXD[3:0]
TX_ER
25MHz
Clock
COL_O4
TXEN4
MCLK
TXD4[3:0]
TXER4
CRS4
RXDV4
RXCLK4
RXD4[3:0]
RXER4
COL
CRS
RX_DV
RX_CLK
RXD[3:0]
RX_ER
TX_EN
TX_CLK
TXD[3:0]
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com