Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 3Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
7
1.5 Pin Connection Diagram (Mode 1)
Fig - 3
Pin Connection Diagram (Mode 1)
Note : Power on configuration setup signals refer section 2.5 cross referance table
NC
144
TXER[4]
55
57
148
125
54
VSS1
153
TXD[4][1]
RXDV[0]
RXD[0][1]
TXD[4][0]
51
127
RXD[4][2]
142
MDC
143
PULL_DN
75
RXD[0][0]
131
RXDV[1]
46
78
TXD[4][3]
PULL_DN
RXDV[4]
/HALF10
RXD[4][3]
TXER[3]
70
150
/BMWR
47
VSS1
COL_O[4]
SET0
158
RXCLK[0]
74
135
RXER[4]
VDD1
AX88875AP
( Mode 1 )
COL[0]
CRS[0]
130
LED[2]
151
64
48
41
62
/RST
59
139
TXER[0]
133
141
TXD[3][3]
43
132
49
76
RXCLK[1]
146
71
159
SET2
79
137
126
/BMA[15]
VDD
RXD[1][1]
RXD[1][0]
45
RXER[0]
145
LED[0]
VSS
160
VDD
VSS
134
42
SET1
NC
TXD[0][0]
CRS[4]
61
149
65
MCLK
TXEN[0]
56
63
155
VDD1
LCLK
44
50
COL[3]
RXD[0][2]
129
LED_CK
RXD[4][1]
72
67
BMA[8]
128
140
52
BMA[9]
58
TXD[0][3]
TXD[0][1]
69
66
COL[4]
157
VSS
136
TXD[3][2]
152
TXD[0][2]
156
RXCLK[4]
PULL_DN
80
RXER[1]
VDD
138
RXD[4][0]
68
LED[1]
123
TXEN[4]
122
60
/LCOL100
53
124
121
TXD[3][1]
NC
VSS
154
RXD[0][3]
TXD[4][2]
MDO
73
147
CRS[1]
TEST1
77
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com