Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
8
2.0 Pin Description
The following terms describe the AX88875A pinout:
All pin names with the “/” suffix are asserted low.
I
=
Input
O
=
Output
I/O
=
Input /Output
2.1 MII interfaces
Signal Name
Type
Pin No.
Description
TXER[4:0]
Or
COL[4:0]
O
or
I
66, 44, 28
9, 154
Transmit Error : When /HALF10 pin set to “high”. TXER is transition
synchronously with respect to the rising edge of TXCLK . Asserted
high when a code violation is request to be send
Collision : When /HALF10 pin set to “low”. COL is input from PHY,
when 10Mbps PHY is in half-duplex mode.
TXD[4:0][3:0]
O
65 – 62, 43 – 40
27 – 24, 8 – 5
153 - 150
Transmit Data : TXD[3:0] is transition synchronously with respect to
the rising edge of TXCLK. For each TXCLK period in which TXEN is
asserted, TXD[3:0] are accepted for transmission by the PHY.
TXEN[4:0]
O
61, 39, 23
4, 149
Transmit Enable : TXEN is transition synchronously with respect to the
rising edge of TXCLK. TXEN indicates that the port is presenting
nibbles on TXD [3:0] for transmission.
RXD[4:0][3:0]
I
60 – 57, 37 – 34
22 – 19, 3, 2
160, 159,
147 - 144
Receive Data : RXD [3:0] is driven by the PHY synchronously with
respect to RXCLK.
RXER[4:0]
I
51, 30, 15,
155, 140
Receive Error : RXER ,is driven by PHY and synchronous to RXCLK,
is asserted for one or more RXCLK periods to indicate to the port that
an error has detected.
RXCLK[4:0]
I
56, 33,
18, 158, 143
Receive Clock : RX_CLK is a continuous clock that provides the
timing reference for the transfer of the RXDV,RXD [3:0] and RXER
signals from the PHY to the MII port of the repeater.
RXDV[4:0]
I
52, 31,
16, 156, 141
Receive Data Valid : RX_DV is driven by the PHY synchronously with
respect to RXCLK. Asserted high when valid data is present on RXD
[3:0].
CRS[4:0]
I
53, 32,
17, 157, 142
Carrier Sense : Asynchronous signal CRS is asserted by the PHY when
receive medium is non-idle at full duplex mode.
COL_O[4]
O
67
Collision : Collision detection signal for port 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com