Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88875AP Datasheet HTML 1Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 2Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 3Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
4
1.2 Features
• IEEE 802.3u repeater compatible
• Supports per port 10/100Mbps alternative with auto detected
• Build in 10/100Mbps bridge engine with following features
1.Minimum 32K bytes, maximum 128K bytes SRAM to buffer packets
2.Seamless buffer management without waste any space of buffer memory
3.Simple asynchronous 8-bit SRAM interface to reduce system cost
4.256 or 1024 entries is supported
5.Auto learning and filtering
6.Two forwarding modes are supported : Store-n-Forward and fragment-free
7.Flow-control is supported optionally.
8.Buffer RAM auto testing
9.Routing and Learning at wire speed (148810 packets/sec at 100Mbps)
• Supports 5 10/100Mbps network connections
• 5 dedicated MII interfaces can support 100BASE-TX/T4/FX PHY interfaces
• 5th Port can connect to bridge, switch or MAC type device optionally.
• Low latency design supports Class II repeater implementation
• All ports can be separately isolated or partitioned in response to fault condition
• Separate jabber and partition state machines for each port
• Per-port LED display for Jabber, Partition, Activity. Global partition, RAM test fail and
collision, utilization (%) for 10/100Mbps presentation
• Power on LED diagnosis. All the LED display will follow the “ON-OFF-ON-OFF-Normal”
operation procedure during/after power on reset
• 160-pin PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com