Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
9
2.2 LED Display
Signal Name
Type Pin No.
Description
LED[2:0]
or
/LUTI[2:0]
O
76 - 74 LED Display Information : When MODE=”1” , Those signals indicate each
port‘s Partition, Jabber, Activity, Collision (global), Repeater ID, Utilization
% (global), Collision % (global) in sequence. For detail , see the LED timing
specification
/LUTI[2:0] : When MODE=”0” , Those pins drive utilization[2:0] LEDs
directly.
The Utilization % display define as following : (See Note 1 also)
The Collision % display define as following :
LED_CK
or
/LUTI[3]
O
77
LED clock signal : When MODE=”1” , The signal is a discontinue clock for
LED signals serial shift out. The clock period width is 40nS and last 16 cycle
with every 125ms repeated.
/LUTI[3] : When MODE=”0” , This pin drive utilization[3] LED directly.
/LCOL10
or
/LUTI[4]
O/Z
113
Collision LED for 10Mbps : When MODE=”1” , This pin indicates 10Mbps
repeater collision occurred.
/LUTI[4] : When MODE=”0” , This pin drive utilization[4] LED directly.
NC
or
/LUTI[5]
O
112
NC : When MODE=”1” , The pin function is reserved.
/LUTI[5] : When MODE=”0” , This pin drive utilization[5] LED directly.
/LCOL100
O/Z
69
Collision LED for 100Mbps : This pin indicates 100Mbps repeater collision
occurred.
NC
or
/LACT[4:0]
O
121, 124
123, 128
127
NC : When MODE=”1” , The pin function is reserved.
/LACT[4:0] : When MODE=”0”,Those pins drive activity[4:0] LEDs
directly.
NC or
/LPART[4:0]
O/OC
119-115 NC : When MODE=”1” , The pin function is reserved. or
/LPART[4:0] : When MODE=”0”, Those pins drive partition[4:0] LEDs
directly.
Collision %
LED0 LED1 LED2 LED3 LED4 LED5 LED6 LED7
0
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
2
0
0
1
1
1
1
1
1
5
0
0
0
1
1
1
1
1
10
0
0
0
0
1
1
1
1
15
0
0
0
0
0
1
1
1
20
0
0
0
0
0
0
1
1
30
0
0
0
0
0
0
0
1
60+
0
0
0
0
0
0
0
0
Utilization % LED0 LED1 LED2 LED3 LED4 LED5 LED6 LED7
0
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
5
0
0
1
1
1
1
1
1
10
0
0
0
1
1
1
1
1
15
0
0
0
0
1
1
1
1
30
0
0
0
0
0
1
1
1
40
0
0
0
0
0
0
1
1
60
0
0
0
0
0
0
0
1
80+
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com