Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 18Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 19Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
16
4.0 INTERNAL REGISTERS
4.1 Configuration Register (CONFIG)
Bit
Bit Name
Access
Bit Description
D9
/HALF10
R/W
Half-duplex mode in 10Mbps : “low” resister to 10Mbps PHY in half-
duplex mode. “high” resister to 10Mbps PHY in full-duplex mode.
D8
OPT[4]
R/W
OPT[4] : Option for external device type to connect to port 4. Default
‘high’ is for PHY type device. Otherwise, ‘low’ for bridge, switch or
MAC type device.
D7
TXM_MODE
R/W
TXM_MODE : Option for internal used. Default ‘high’ user may pull the
pin ‘low’ with 10K ohm resister for reserve transmition mode alternaty.
D6
MODE
R/W
MODE
= 0 : Single chip repeater application.
MODE
= 1 : Multiple chips cascaded repeater application.
D5
EN_FLOW_
CTL
R/W
EN_FLOW_CTL = 0 : Disable flow control function.
EN_FLOW_CTL = 1 : Enable flow control function.
D4
ST_FW
R/W
ST_FW
= 0 : fragment-free mode
ST_FW
=1 : Store-n-Forward mode
D3
ENTRIES
R/W
ENTRIES
= 0 : 1024 entries supported
ENTRIES
= 1 : 256 entries supported
D2-1
MEM_SIZE[1]
MEM_SIZE[0]
R/W
MEM_SIZE[1] MEM_SIZE[1]
SIZE (K)
1
1
32K
1
0
64K
0
1
128K
0
0
N/A
D0
/IR_ACT_EN
R/W
Inter Repeater Active Input Pin Enable : Designer must keep the pin pull
high to disable the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com