Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
14
3.3 Jabber State Machine
To prevent an illegally long reception of data from reaching the repeater unit, each port has its own jabber
timer. If a reception exceeds this duration (64K bit times for AX88875A), the jabber condition will be detected.
In this condition, repeater unit will disable receive and transmit packets for the jabbered port and the other ports
remain the normal operation.
When the carrier is no longer detected for the jabbered port or reset the repeater, the jabber function will be
clear and re-enable reception and transmission.
3.4 Partition State Machine
The partition state machine is used to protect network from being upset when a port suffer continuous
collision, each port uses a partition state machine to detect and prevent this condition. When a port suffer from
continuous 64 times of collision events, then it goes to partition state. The partitioned port will be not released
until a packet without collision be transmitted( more than 512 bit times for AX88875A) or reset the repeater.
3.5 LED Display Interface
AX88875A provides per-port LED status indication for partition, jabber, activity and support rate -
based LED for global partition and collision, utilization (%) for 10/100Mbps. .Detail function is described on
the previous pin description(LED interface). LED[2:0] are all active low. There are two display ways :
complicated and simple way. It depends on the setting of MODE.
Rich LED display application (MODE = 1)
LED[2:0] Status Driver Wave-form as follows :
JAB4
JAB3
JAB2
JAB1
JAB0
PART
4
LED_CK
LED[0]
'0'
100M
GCOL
10M
GCOL
LED[1]
LED[2]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D12
D13
D14
D10
D15
PART
0
PART
1
PART
2
PART
3
ACT 0
ACT 1
ACT 2
ACT 3
ACT 4
10M
UTI7
10M
UTI0
10M
UTI1
10M
UTI2
10M
UTI3
10M
UTI4
10M
UTI5
10M
UTI6
100M
UTI7
100M
UTI0
100M
UTI2
100M
UTI3
100M
UTI4
100M
UTI5
100M
UTI6
100M
UTI1
G
PART
RAM
FAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com