Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
13
3.0 Functional Description
3.1 Repeater State Machine
The repeater state machine is used to control repeater behavior, generates right signal in corresponding
states. The repeater state machine is in Idle state when there is no carrier presented on any ports . When there
is only one port has receive activity, the repeater state machine will enter Data - forwarding State to ensure
correct data forwarding to other connected ports. If collision happens anytime, The repeater state machine
detects collision then send jam pattern to all ports until collision ceases.
idle State
The idle state happens when these conditions exists:
a.
/RST is low.
b.
All CRS[4:0] are not asserted high in single chip application.
Data Forwarding State
The state happens when the condition exists:
a. Only one signal asserted among CRS[4:0] in single chip application.
The repeater state machine stores receiving packet and transmits to all other ports except for
1.
The port is jabbered.
2.
The port is isolated.
Collision State
The Collision State happens when these conditions exists:
a.
There are two or more signals asserted high among CRS[4:0] in single chip system.
b.
Only one carrier exists but RXDV still low exceeds 4 clock cycles in 100BASE-T. The
repeater sends collision pattern to all ports.
One Port Left State
The state happens only when there is no collision but still one port which experienced collision
has receive activity. The repeater remains send collision pattern to all ports except the port.
3.2 RXE /TXE CONTROL
Idle state
The repeater sends no data to any port.
RXE(ALL) = 0.
TXE(ALL) = 0.
Data Forwarding state
If ACTIVE(X) = 1, X is the local connected port,
RXE(X) = 1, RXE(ALL-X) = 0.
TXE(X) = 0, TXE(ALL-X) = 1.
Collision state
The repeater sends jam pattern to all ports.
RXE(ALL) = 0.
TXE(ALL) = 1.
One Port Left state
The repeater sends jam pattern to all other port except for the still activity port.
RXE(ALL) = 0.
TXE(ALL-X) = 1. Suppose X is the one left port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com