Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 11Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 12Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 13Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 14Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 15Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
12
2.5 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
OPT[4]
COL_O[4]
OPT[4] : Option for external device type to connect to port 4. Default ‘high’ is
for PHY type device. Otherwise, ‘low’ for bridge, switch or MAC type device.
TXM_MODE
SET2
TXM_MODE : Option for internal used. Default ‘high’ user may pull the pin
‘low’ with 10K ohm resister for reserve transmition mode alternaty.
MODE
SET1
MODE = 0 :
Direct LED display mode.
MODE = 1 :
Rich LED display mode.
EN_FLOW_CTL SET0
EN_FLOW_CTL = 0 : Disable flow control function.
EN_FLOW_CTL = 1 : Enable flow control function.
ST_FW
TXD[4][3]
ST_FW = 0 : Fragment free forwording mode.
ST_FW = 1 : Store & forword forwording mode.
ENTRIES
TXD[4][2]
ENTRIES = 0 : 1024 entries supported
ENTRIES = 1 : 256 entries supported
MEM_SIZE[1]
MEM_SIZE[0]
TXD[4][1]
TXD[4][0]
MEM_SIZE[1] MEM_SIZE[0]
SIZE (K)
1
1
32K
1
0
64K
0
1
128K
0
0
N/A
/IR_ACT_EN
/BMWR
Inter Repeater Active Input Pin Enable : Designer must keep the pin pull high
to disable the function.
All of the above signals are pull-up for default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com