Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88875AP Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88875AP
Description  10/100BASE 5-Port Dual Speed Bripeater Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88875AP Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88875AP Datasheet HTML 2Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 3Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 4Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 5Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 6Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 7Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 8Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 9Page - ASIX Electronics Corporation AX88875AP Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AX88875AP Bripeater
ASIX ELECTRONICS CORPORATION
6
1.4 Pin Connection Diagram (Mode 0)
Fig - 2
Pin Connection Diagram (Mode 0)
Note : Power on configuration setup signals refer section 2.5 cross referance table
52
COL_O[4]
130
68
159
145
42
TXD[4][1]
143
129
TXD[4][3]
VSS1
CRS[0]
141
71
TXD[3][1]
77
63
MDC
78
COL[4]
COL[0]
133
146
121
RXER[0]
56
142
RXD[0][2]
66
RXCLK[4]
TXER[0]
153
TXEN[0]
156
139
RXD[4][0]
COL[3]
47
69
RXCLK[1]
124
45
TEST1
134
VSS1
MCLK
/BMWR
TXD[0][1]
TXD[0][2]
59
138
RXD[1][0]
CRS[1]
54
50
150
TXD[0][3]
53
147
140
AX88875AP
( Mode 0 )
RXD[1][1]
125
44
152
VSS
RXD[4][2]
128
VDD1
VDD
148
70
76
73
46
/RST
/LCOL100
BMA[8]
57
LCLK
TXER[3]
MDO
58
62
60
RXER[4]
VDD
TXD[3][2]
49
65
VDD
127
67
135
/BMA[15]
55
VDD1
RXD[4][3]
136
132
TXD[4][2]
41
122
51
72
74
TXER[4]
/HALF10
43
149
RXDV[1]
48
TXEN[4]
TXD[4][0]
RXD[4][1]
RXCLK[0]
144
155
61
64
/LUTI[3]
158
RXER[1]
126
VSS
RXD[0][3]
CRS[4]
131
RXD[0][1]
137
RXDV[4]
TXD[3][3]
154
TXD[0][0]
RXD[0][0]
151
160
RXDV[0]
80
79
157
VSS
75
BMA[9]
123
VSS
/LACT[4]
/LACT[2]
/LACT[3]
/LACT[0]
/LACT[1]
NC
NC
/LUTI[2]
/LUTI[1]
/LUTI[0]
PULL_DN
PULL_DN
NC
PULL_DN
SET1
SET2
SET0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com