Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 21Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 22Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 23Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 24Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 25Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 26Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 27Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 28Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Data Sheet
SSM3515
Rev. A| Page 25 of 41
FAULTS AND LIMITER STATUS REPORTING
The SSM3515offers comprehensive protections against the
faults at the outputs and reporting to help with system design.
The faults listed in Table 17are reported usingthe status registers.
Table 17. Register 0x0A, Faults
Fault Type
Flag Set Condition
Status Reported
Register
5 V Regulator UV
5 V regulator voltage at
VREG50/AVDD < 3.6 V
Register 0x0A,
Bit 6, UVLO_VREG
Limiter/GainReduction
Engage
Limiter engaged
Register 0x0A,
Bit 5, LIM_EG
Clipping
DAC clipping
Register 0x0A,
Bit 4, CLIP
Output Overcurrent
(OC)
Output current > 6 A
peak
Register 0x0A,
Bit 3, AMP_OC
Die Overtemperature
(OT)
Die temperature >
145°C
Register 0x0A,
Bit 2, OTF
Die Overtemperature
Warning (OTW)
Die temperature >
117°C
Register 0x0A,
Bit 4, OTW
Battery Voltage >
VBAT_INF
Battery voltage PVDD >
VBAT_INF
Register 0x0A,
Bit 0, BAT_WARN
The faults listed in Table 17 are reported in Register 0x0A and
can be read via I2C by the microcontroller in the system.
In the event of a fault occurrence, how the device reacts to the
faults can be controlled by using Register 0x0B.
Table 18. Register 0x0B, Fault Recovery
Fault Type
Flag Set Condition
Status Reported
Register
OTW
The amount of gain
reduction applied if there
is an OTW
Register 0x0B,
Bits[7:6], OTW_GAIN
Manual
Recovery
Use to attempt manual
recovery in case of a fault
event
Register 0x0B, Bit 5,
MRCV
Autorecovery
Attempts
When autorecovery from
faults is used, set the
number of attempts using
this bit
Register 0x0B,
Bits[4:3], MAX_AR
UV
Recovery can be automatic
or manual
Register 0x0B, Bit 2,
ARCV_UV
Die OT
Recovery can be automatic
or manual
Register 0x0B, Bit 1,
ARCV_OT
OC
Recovery can be automatic
or manual
Register 0x0B, Bit 0,
ARCV_OC
When the automatic recovery mode is set, the device attempts
to recover itself after the fault event and, in case the fault
persists, then the device sets the fault again. This process
repeats until the fault is resolved.
When the manual recovery mode is used, the device shuts down
and the recovery must be attempted using the system
microcontroller.
VBAT SENSING
The SSM3515contains an 8-bit ADC that measures the voltage
of the battery voltage (VBAT) supply. The battery voltage
information is stored in Register 0x06as an 8-bit unsigned format.
The ADC input range is fixed internally as 3.8 V to 16.2 V. To
convert the hexidecimal (hex) value to the voltage value, use the
following steps:
1. Convert the hex value to decimal. For example, if the hex
value is 0xA9, the decimal value = 169.
2. Calculate the voltage using the following equation:
Voltage = 3.8 V + 12.4 V × Decimal Value/255
With a decimal value of 169,
Voltage = 3.8 V + 12.4 V × 169/255 = 12.02 V
LIMITER AND BATTERY TRACKING THRESHOLD
CONTROL
The SSM3515contains an output limiter that can be used limit
the peak output voltage of the amplifier. The limiter works on
the rms and peak value of the signal. The limiter threshold,
slope, attack rate, and release rate are programmable using
Register 0x07, Register 0x08, and Register 0x09. The limiter can
be enabled or disabled using LIM_EN,Bits[1:0] inRegister 0x07.
The threshold at which the output is limited is determined by
the LIM_THRES register setting, in Register 0x08, Bits[7:3].
When the ouput signal level exceeds the set therhold level, the
limiter activates and limits the signal level to the set limit. Below
the set threshold, the output level is not affected. The limiter
threshold can be set from 1 V peak to 15 V peak.
The limiter threshold can be set above the maximum output
voltage ofthe amplifier. Inthis case, the limiter allows maximum
peak output; in other words, the output may clip depending on
the power supply voltage and not the limiter.
The limiter threshold can be set as fixed or to vary with the
battery voltage via the VBAT_TRACKbit (Register 0x07,Bit2).
When set to fixed, the limiter threshold is fixed and does not
vary with battery voltage.The threshold canbe set from1 V peak
to 15 V peak using the LIM_THRES bit (see Figure 68).
When set to a variable threshold, the SSM3515monitors the
VBAT supply and automatically adjusts the limiter threshold
based on the VBAT supply voltage.
The VBAT supply voltage at which the limiter threshold level
begins to decrease the output level is determined by the VBAT
inflection point, the VBAT_INF bits (Register 0x09, Bits[7:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com