Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 31Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 36Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 37Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 34 of 41
SAI CONTROL 2 REGISTER
Address: 0x05, Reset: 0x00, Name: SAI Control 2
Table 26. Bit Descriptions for SAI Control 2
Bits
Bit Name
Settings
Description
Reset
Access
7
DATA_WIDTH
Audio Data Width.
0x0
R/W
0
Audio Input on SDATA is 24 Bits.
1
Audio Input on SDATA is 16 Bits.
[6:5]
RESERVED
Reserved.
0x0
R/W
4
AUTO_SLOT
Automatic TDM Slot Selection.
0x0
R/W
0
TDM Slot Determined by the TDM_SLOT Register.
1
TDM Slot Determined by the ADDR Pin.
[3:0]
TDM_SLOT
TDM Slot Selection.
0x0
R/W
0000
Chip Slot 1 Used.
0001
Chip Slot 2 Used.
0010
Chip Slot 3 Used.
0011
Chip Slot 4 Used.
0100
Chip Slot 5 Used.
0101
Chip Slot 6 Used.
0110
Chip Slot 7 Used.
0111
Chip Slot 8 Used.
1000
Chip Slot 9 Used.
1001
Chip Slot 10 Used.
1010
Chip Slot 11 Used.
1011
Chip Slot 12 Used.
1100
Chip Slot 13 Used.
1101
Chip Slot 14 Used.
1110
Chip Slot 15 Used.
1111
Chip Slot 16 Used.
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
0
[7] DATA_W IDTH (R/W)
Audio Data W idth
0: Audio input on SDATA is 24 bits.
1: Audio input on SDATA is 16 bits.
[3:0] TDM_SLOT (R/W)
TDM Slot Selection
0000: Chip Slot 1 Used.
0001: Chip Slot 2 Used.
0010: Chip Slot 3 Used.
...
1101: Chip Slot 14 Used.
1110: Chip Slot 15 Used.
1111: Chip Slot 16 Used.
[6:5] RESERVED
[4] AUTO_SLOT (R/W)
Automatic TDM Slot Selection
0: TDM Slot determined byTDM_SLOT register.
1: TDM Slot determined byADDR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com