Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 18Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 19Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 20Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 21Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 22Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 23Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 24Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 25Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 22 of 41
In read mode, the SSM3515outputs the highest subaddress register
contents until the master device issues a no acknowledge, indi-
cating the end of a read. A no acknowledge conditionis when the
SDA line is not pulled low on the ninth clock pulse on SCL. Ifthe
highest subaddress location is reached while in write mode, the
data for the invalid byte is notloaded into anysubaddress register,
a no acknowledge is issued by the SSM3515, and the device
returns to the idle condition.
I2C Read and Write Operations
Figure 62 shows the timing of a single-word write operation.
Every ninth clock, the SSM3515issues an acknowledge (ACK)
by pulling SDA low.
Figure 63 shows the timing ofa burst mode writesequence. This
figure shows an example in which the targetdestinationregisters
are two bytes. The SSM3515increments its subaddress register
every byte because therequested subaddress corresponds to a
register or memory area with a byte word length.
The timing ofa single word read operationis shown in Figure 64.
Note that the first R/W bit is 0, indicating a write operation.
This is because the subaddress still must be written to set up the
internal address. After the SSM3515 acknowledges the receipt of
the subaddress, the master must issue a repeated startcommand
followed by the chip address byte with the R/W set to 1 (read).
This causes the SSM3515SDA to reverse and begin driving data
back to the master. The master then responds every ninth pulse
with an acknowledge pulse to the SSM3515. See Table 15 for a
list of abbreviations in Figure 62 through Figure 65.
Table 13. I2C Device Address Byte Format Using the ADDR Pin1
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
0
1
0
1
X
X
R/W
1 X means don’t care.
Table 14. ADDR Pin to I2C Device Address Mapping
ADDR Pin
ADDR Voltage
I2C Address Bit 5
I2C Address Bit 6
GND
GND
Not applicable
Not applicable
Pull-Down 47 kΩ Resistor
0.25 × VREG18/DVDD
0
0
Open
0.5 × VREG18/DVDD
0
1
Pull-Up 47 kΩ Resistor
0.75 × VREG18/DVDD
1
0
DVDD
DVDD
1
1
Table 15. Abbreviations for Figure 62 Through Figure 65
Symbol
Meaning
S
Start bit
P
Stop bit
AM
Acknowledge by master
AS
Acknowledge by slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com