Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 25Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 26Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 27Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 28Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 31Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Data Sheet
SSM3515
Rev. A| Page 29 of 41
REGISTER SUMMARY
Table 20. Register Summary
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00
Power Control
[7:0] APWDN_
EN
BSNS_
PWDN
RESERVED
S_RST
SPWDN
0x81
R/W
0x01
Gain and Edge
Control
[7:0]
RESERVED
EDGE
RESERVED
ANA_GAIN
0x01
R/W
0x02
DAC Control
[7:0] DAC_HV
DAC_MUTE
DAC_HPF DAC_LPM
RESERVED
DAC_FS
0x32
R/W
0x03
DAC Volume
Control
[7:0]
VOL
0x40
R/W
0x04
SAI Control 1
[7:0] DAC_POL
BCLK_POL
TDM_BCLKS
FSYNC_
MODE
SDATA_
FMT
SAI_MODE
0x11
R/W
0x05
SAI Control 2
[7:0] DATA_
WIDTH
RESERVED
AUTO_
SLOT
TDM_SLOT
0x00
R/W
0x06
Battery Voltage
Output
[7:0]
VBAT
0x00
R
0x07
Limiter Control 1
[7:0]
LIM_RRT
LIM_ATR
RESERVED
VBAT_
TRACK
LIM_EN
0xA4
R/W
0x08
Limiter Control 2
[7:0]
LIM_THRES
RESERVED
SLOPE
0x51
R/W
0x09
Limiter Control 3
[7:0]
VBAT_INF
0x22
R/W
0x0A
Status
[7:0] RESERVED
UVLO_VREG LIM_EG
CLIP
AMP_OC
OTF
OTW
BAT_WARN 0x00
R
0x0B
Fault Control
[7:0]
OTW_GAIN
MRCV
MAX_AR
ARCV_UV
ARCV_OT
ARCV_OC
0x18
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com