Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 22Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 23Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 24Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 25Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 26Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 27Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 28Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 26 of 41
The VBAT_INF point is defined as the battery voltage at which
the limiter either activates or deactivates depending on the
LIM_EN mode (see Table 19). When the battery voltage is
greater than VBAT_INF, the limiter is not active. When it
battery voltage is less than VBAT_INF, the limiter is activated.
The VBAT_INF bits can be set from 3.8 V to 16.2 V. The 8-bit
value for the voltage can be calculated using the following
equation.
Voltage = 3.8 + 12.4 × Decimal Value/255
Convert the decimal value to an 8-bit hex value and use it to set
the VBAT_INF bits.
The rate at which the limiter threshold is lowered relative to
the amount change in VBAT below the VBAT_INF point is
determined by the slope bits (Register 0x08, Bits[1:0]).
The slope is the ratio of the limiter threshold reduction to the
VBAT voltage reduction.
Slope = ΔLimiter Threshold/ΔVBAT
The slope ratio can be set from 1:1 to 4:1. This function is useful
to prevent early shutdown under low battery conditions. As the
VBAT voltage falls, the limiter threshold is lowered. This results in
the lower output level and therefore helps to reduce the current
drawn from the battery and in turn helps prevent early shutdown
due to low VBAT.
The limiter offers various active modes which can be set using the
LIM_EN bits (Register 0x07, Bits[1:0]) and the VBAT_TRACK bit,
as shown in Table 19.
When LIM_EN = 01, the limiter is enabled. When LIM_EN = 10,
the limiter mutes the output if VBAT falls below VBAT_INF. When
LIM_EN = 11, the limiter engages only when the battery voltage
is lower than VBAT_INF. When VBAT is above VBAT_INF, no
limiting occurs. Note that there is hysteresis on VBAT_INF for the
limiter disengaging.
The limiter, when active, reduces the gain of the amplifier. The rate
of gain reduction or attack rate is determined by the LIM_ATR bits
(Register 0x07, Bits[5:4]). Similarly, when the signal level drops
below the limiter threshold, the gain is restored. The gain release
rate is determined by the LIM_RRT bits (Register 0x07, Bits[7:6]).
INPUT LEVEL
AMPLIFIER CLIPPING LEVEL
LIM_EN = 00
VBAT_TRACK = 0
Figure 67. Limiter Example (LIM_EN = 0b0, VBAT_TRACK = 0bx)
VBAT
LIM_THRES
LIMITER THRESHOLD FIXED AT SET VALUE
AND DOES NOT TRACK VBAT
Figure 68. Limiter Fixed (LIM_EN = 0b01, VBAT_TRACK = 0b0)
Table 19. Limiter Modes
LIM_EN
VBAT_TRACK
Limiter
VBAT < VBAT_INF
VBAT > VBAT_INF
Comments
00
0/1
No
Not applicable
Not applicable
See Figure 67
01
0
Fixed
Use the set threshold
Use the set threshold
See Figure 68
01
1
Variable
Lowers the threshold
Use the set threshold
See Figure 69 and Figure 70
10
0/1
Fixed
Mutes the output
Use the set threshold
11
0
Fixed
Use the set threshold
No limiting
See Figure 71 and Figure 72
11
1
Variable
Lowers the threshold
No limiting
See Figure 73 and Figure 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com