Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 36Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 37Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 38Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 39Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 36 of 41
LIMITER CONTROL 2 REGISTER
Address: 0x08, Reset: 0x51, Name: Limiter Control 2
Table 29. Bit Descriptions for Limiter Control 2
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
LIM_THRES
Limiter Attack Threshold.
0xA
R/W
00000
15.0 V peak Output.
00001
14.5 V peak Output.
00010
14.0 V peak Output.
00011
13.5 V peak Output.
00100
13.0 V peak Output.
00101
12.5 V peak Output.
00110
12.0 V peak Output.
00111
11.5 V peak Output.
01000
11.0 V peak Output.
01001
10.5 V peak Output.
01010
10.0 V peak Output.
01011
9.5 V peak Output.
01100
9.0 V peak Output.
01101
8.5 V peak Output.
01110
8.25 V peak Output.
01111
8.0 V peak Output.
10000
7.75 V peak Output.
10001
7.5 V peak Output.
10010
7.25 V peak Output.
10011
7.0 V peak Output.
10100
6.5 V peak Output.
10101
6.0 V peak Output.
10110
5.5 V peak Output.
10111
5.0 V peak Output.
11000
4.5 V peak Output.
11001
4.0 V peak Output.
11010
3.5 V peak Output.
11011
3.0 V peak Output.
11100
2.5 V peak Output.
11101
2.0 V peak Output.
11110
1.5 V peak Output.
11111
1.0 V peak Output.
7
0
6
1
5
0
4
1
3
0
2
0
1
0
0
1
[7:3] LIM_THRES (R/W)
Limiter Attack Threshold
00000: 15.0 V peak Output.
00001: 14.5 V peak Output.
00010: 14.0 V peak Output.
...
11101: 2.0 V peak Output.
11110: 1.5V V peak Output.
11111: 1.0 V peak Output.
[1:0] SLOPE (R/W)
Slope of threshold reduction/batteryvoltage
change
00: 1:1 Threshold/BatteryReduction.
01: 2:1 Threshold/BatteryReduction.
10: 3:1 Threshold/BatteryReduction.
11: 4:1 Threshold/BatteryReduction.
[2] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com