Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 24Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 25Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 26Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 27Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 28Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 31Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 28 of 41
LAYOUT
As output power increases, care must be taken to lay out PCB
traces and wires properly among the amplifier, load, and power
supply; a poor layout increases voltage drops, consequently
decreasing efficiency. A good practice is to use short, wide PCB
tracks to decrease voltage drops and minimize inductance. For
lowest dc resistance (DCR) and minimum inductance, ensure
that track widths are at least 200 mil for every inch of length
and use 1 oz or 2 oz copper. Use large traces for the power supply
inputs and amplifier outputs. Proper grounding guidelines
improve audio performance, minimize crosstalk between
channels, and prevent switching noise from coupling into the
audio signal.
To maintain high output swing and high peak output power, the
PCB traces that connect the output pins to the load and supply
pins must be as wide as possible to maintain the minimum trace
resistances. It is also recommended that a large ground plane be
used for minimum impedances. In addition, good PCB layout
isolates critical analog paths from sources of high interference.
Separate high frequency circuits (analog and digital) from low
frequency circuits.
Properly designed multilayer PCBs can reduce EMI emission
and increase immunity to the RF field by a factor of 10 or more,
compared with double-sided boards. A multilayer board allows
a complete layer to be used for the ground plane, whereas the
ground plane side of a double-sided board is often disrupted by
signal crossover.
If the system has separate analog and digital ground and power
planes, the analog ground plane must be directly beneath the
analog power plane, and, similarly,the digital ground plane must
be directly beneath the digital power plane. There must be no
overlap between analog and digital ground planes or between
analog and digital power planes.
BOOTSTRAP CAPACITORS
The output stage of the SSM3515uses a high-side NMOSdriver,
rather than PMOS. Therefore, a bootstrap supply is needed to
drive the high-side NMOS. To generate the boosted gate driver
voltage for the high-side NMOS, a 0.22 μF bootstrap capacitor is
used from each output pinto BST± pins. This capacitor boosts the
voltage at BST± pins when the high-side NMOS turns on and
acts as a floating power supply for that particular switching
cycle. The bootstrap capacitor is charged during the low-side
NMOS active period.
POWER SUPPLYDECOUPLING
To ensure high efficiency, low total harmonic distortion (THD),
and high power supply rejection ratio (PSRR), proper power
supply decoupling is necessary. Noise transients on the power
supply lines are short duration voltage spikes. These spikes can
contain frequency components that extend into the hundreds of
megahertz. The power supply input must be decoupled with a
good quality, low ESL, low ESR bulk capacitor larger than
220 µF. This capacitor bypasses low frequency noises to the
ground plane.
For high frequency transient noises, place 1 µF capacitors as
close as possible to the PVDD pins of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com