Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 31Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 36Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Data Sheet
SSM3515
Rev. A| Page 33 of 41
SAI CONTROL 1 REGISTER
Address: 0x04, Reset: 0x11, Name: SAI Control 1
Table 25. Bit Descriptions for SAI Control 1
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_POL
DAC Output Polarity.
0x0
R/W
0
Normal Operation.
1
Invert the Audio Output Signal.
6
BCLK_POL
BCLK Polarity Control.
0x0
R/W
0
Rising Edge of BCLK is Used to Register SDATA.
1
Falling Edge of BCLK is Used to Register SDATA.
[5:3]
TDM_BCLKS
Number of BCLKs per Chip in TDM Mode. Any number of BCLK cycles per FSYNC
can be used in stereo modes (I2S/LJ) or in TDM mode with only one chip. When in
TDM mode and having multiple chips on the TDM bus, the number of BCLKs per
chip must be defined.
0x2
R/W
000
16 BCLKs per Chip in TDM.
001
24 BCLKs per Chip in TDM.
010
32 BCLKs per Chip in TDM.
011
48 BCLKs per Chip in TDM.
100
64 BCLKs per Chip in TDM.
2
FSYNC_MODE
FSYNC Mode Control.
0x0
R/W
0
Low FSYNC is Left Channel in Stereo Modes or Pulsed FSYNC Mode in TDM
Modes.
1
High FSYNC is Left Channel in Stereo Modes or 50% FSYNC Mode in TDM Modes.
1
SDATA_FMT
Serial Data Format.
0x0
R/W
0
I2S/Delay by One from FSYNC Edge.
1
Left Justified/No Delay from FSYNC Edge.
0
SAI_MODE
Serial Interface Mode Selection.
0x1
R/W
0
Stereo Modes (I2S, LJ).
1
TDM/PCM Modes.
7
0
6
0
5
0
4
1
3
0
2
0
1
0
0
1
[7] DAC_POL (R/W)
DAC Output Polarity
0: Normal Operation.
1: Invert the Audio Output Signal.
[0] SAI_MODE (R/W)
Serial Interface Mode Selection
0: Stereo Modes (I2S,LJ)
1: TDM/PCM Modes.
[6] BCLK_POL (R/W)
BCLK PolarityControl
0: Rising Edge of BCLK is used to register
SDATA.
1: Falling Edge of BCLK is used to register
SDATA.
[1] SDATA_FMT (R/W)
Serial Data Format
0: I2S/Delay by one from FSYNC edge.
1: Left Justified/No delayfrom FSYNC edge.
[2] FSYNC_MODE (R/W)
FSYNC Mode Control
0: Low FSYNC is Left Channel in Stereo
Modes or Pulsed FSYNC Mode in TDM Modes.
1: High FSYNC is Left Channel in Stereo
Modes or 50% FSYNC Mode in TDM Modes.
[5:3] TDM_BCLKS (R/W)
Number of BCLKs per chip in TDM mode
000: 16 BCLKs per chip in TDM.
001: 24 BCLKs per chip in TDM.
010: 32 BCLKs per chip in TDM.
011: 48 BCLKs per chip in TDM.
100: 64 BCLKs per chip in TDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com