Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 36Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 37Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 38Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 39Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 40Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
SSM3515
Data Sheet
Rev. A| Page 38 of 41
Bits
Bit Name
Settings
Description
Reset
Access
4
CLIP
Clip Detector.
0x0
R
0
Normal Operation.
1
Amplifier Clipping Detected.
3
AMP_OC
Amplifier Overcurrent Fault Status.
0x0
R
0
Normal Operation.
1
Amp Over-Current Fault Condition.
2
OTF
Overtemperature Fault Status.
0x0
R
0
Normal Operation.
1
Overtemperature Fault Condition.
1
OTW
Overtemperature Warning Status.
0x0
R
0
Normal Operation.
1
Overtemperature Warning Condition.
0
BAT_WARN
Battery Voltage Warning.
0x0
R
0
Battery Voltage Above VBAT_INF.
1
Battery Voltage at or Below VBAT_INF.
FAULT CONTROL REGISTER
Address: 0x0B, Reset: 0x18, Name: Fault Control
Table 32. Bit Descriptions for Fault Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
OTW_GAIN
Over Thermal Warning Gain Reduction.
0x0
R/W
00
No Gain Reduction in Thermal Warning.
01
1.5 dB Gain Reduction in Thermal Warning.
10
3 dB Gain Reduction in Thermal Warning.
11
5.625 dB Gain Reduction in Thermal Warning.
5
MRCV
Manual Fault Recovery.
0x0
W
0
Normal Operation.
1
Writing of 1 Causes a Manual Fault Recovery Attempt when ARCV = 11.
7
0
6
0
5
0
4
1
3
1
2
0
1
0
0
0
[7:6] OTW_GAIN (R/W)
Over Thermal W arning Gain Reduction
00: No gain reduction in thermal warning.
01: 1.5dB gain reduction in thermal warning.
10: 3dB gain reduction in thermal warning.
11: 5.625dB gain reduction in thermal warning.
[0] ARCV_OC (R/W)
Over Current Automatic Fault RecoveryControl
0: Automatic Fault Recoveryfor Over-Current
Fault.
1: Manual Fault Recoveryfor Over-Current
Fault.
[5] MRCV (W)
Manual Fault Recovery
0: Normal Operation.
1: W riting of 1 causes a manual fault
recoveryattempt when ARCV=11.
[1] ARCV_OT (R/W)
Overtemperature Automatic Fault RecoveryControl
0: Automatic Fault Recoveryfor Overtemperature
Fault.
1: Manual Fault Recoveryfor Overtemperature
Fault.
[4:3] MAX_AR (R/W)
Maximum Fault recoveryAttempts
00: 1 Auto RecoveryAttempt.
01: 3 Auto RecoveryAttempts.
10: 7 Auto RecoveryAttempts.
11: Unlimited Auto RecoveryAttempts.
[2] ARCV_UV (R/W)
Undervoltage Automatic Fault RecoveryControl
0: Automatic Fault Recoveryfor Undervoltage
Fault.
1: Manual Fault Recoveryfor Undervoltage
Fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com