Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 27Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 28Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 29Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 30Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 31Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 32Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Data Sheet
SSM3515
Rev. A| Page 31 of 41
Bits
Bit Name
Settings
Description
Reset
Access
4
EDGE
Edge Rate Control. This controls the edge speed of the power stage. The low EMI
operation mode reduces the edge speed, lowering EMI and power efficiency
0x0
R/W
0
Normal Operation.
1
Low EMI Mode Operation.
[3:2]
RESERVED
Reserved.
0x0
R/W
[1:0]
ANA_GAIN
Amp Analog Gain Selection.
0x1
R/W
00
8.4 V Full-Scale Gain Mapping.
01
12.6 V Full-Scale Gain Mapping.
10
14 V Full-Scale Gain Mapping.
11
15 V Full-Scale Gain Mapping.
DAC CONTROL REGISTER
Address: 0x02, Reset: 0x32, Name: DAC Control
Table 23. Bit Descriptions for DAC Control
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_HV
DAC Hard Volume.
0x0
R/W
0
Soft Volume Ramping.
1
Hard/Immediate Volume Change.
6
DAC_MUTE
DAC Mute Control.
0x0
R/W
0
DAC Unmuted.
1
DAC Muted.
5
DAC_HPF
DAC High-Pass Filter Enable.
0x1
R/W
0
DAC High-Pass Filter Off.
1
DAC High-Pass Filter On.
4
DAC_LPM
DAC Low Power Mode Enable.
0x1
R/W
0
DAC Low Power Mode Off.
1
DAC Low Power Mode On.
3
RESERVED
Reserved.
0x0
R/W
7
0
6
0
5
1
4
1
3
0
2
0
1
1
0
0
[7] DAC_HV (R/W)
DAC Hard Volume
0: Soft Volume Ramping.
1: Hard/Immediate Volume Change.
[2:0] DAC_FS (R/W)
DAC Sample Rate Selection
000: 8 kHz to 12 kHz Sample Rate.
001: 16 kHz to 24 kHz Sample Rate.
010: 32 kHz to 48 kHz Sample Rate.
011: 64 kHz to 96 kHz Sample Rate.
100: 128 kHz to 192 kHz Sample Rate.
101: 48 kHz to 72 kHz Sample Rate.
110: Reserved.
111: Reserved.
[6] DAC_MUTE (R/W)
DAC Mute Control
0: DAC Unmuted.
1: DAC Muted.
[5] DAC_HPF (R/W)
DAC High Pass Filter Enable
0: DAC High Pass Filter Off.
1: DAC High Pass Filter On.
[3] RESERVED
[4] DAC_LPM (R/W)
DAC Low Power Mode Enable
0: DAC Low Power Mode Off.
1: DAC Low Power Mode On.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com