Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3515CCBZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # SSM3515CCBZ-R7
Description  Audio Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3515CCBZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button SSM3515CCBZ-R7 Datasheet HTML 33Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 34Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 35Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 36Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 37Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 38Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 39Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 40Page - Analog Devices SSM3515CCBZ-R7 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
SSM3515
Rev. A| Page 37 of 41
Bits
Bit Name
Settings
Description
Reset
Access
2
RESERVED
Reserved.
0x0
R/W
[1:0]
SLOPE
Slope of Threshold Reduction/Battery Voltage Change.
0x1
R/W
00
1:1 Threshold/Battery Reduction.
01
2:1 Threshold/Battery Reduction.
10
3:1 Threshold/Battery Reduction.
11
4:1 Threshold/Battery Reduction.
LIMITER CONTROL 3 REGISTER
Address: 0x09, Reset: 0x22, Name: Limiter Control 3
Table 30. Bit Descriptions for Limiter Control 3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT_INF
Battery Voltage Inflection Point. This is the VBAT sense value at which the limiter either
activates or starts reducing the threshold. It corresponds to the value that can be read
in the VBAT read only status register. To calculate this value in volts, refer to the VBAT
Sensing section. Voltage = 3.8 + 12.4 × Decimal Value/255.
0x22
R/W
STATUS REGISTER
Address: 0x0A, Reset: 0x00, Name: Status
Table 31. Bit Descriptions for Status
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
UVLO_VREG
Regulator Undervoltage Fault Status.
0x0
R
0
Normal Operation.
1
Voltage Regulator Fault Condition.
5
LIM_EG
Limiter/Gain Reduction Engaged.
0x0
R
0
Normal Operation.
1
Limiter or Gain Reduction has Reduced Gain.
7
0
6
0
5
0
4
0
3
0
2
0
1
0
0
0
[7] RESERVED
[0] BAT_W ARN (R)
BatteryVoltage W arning
0: BatteryVoltage above VBAT_INF.
1: BatteryVoltage at or below VBAT_INF.
[6] UVLO_VREG (R)
Regulator Undervoltage Fault Status
0: Normal Operation.
1: Voltage Regulator Fault Condition.
[1] OTW (R)
Over Temperature Warning Status
0: Normal Operation.
1: Over Temperature Warning Condition.
[5] LIM_EG (R)
Limiter/Gain Reduction Engaged
0: Normal Operation.
1: Limiter or Gain Reduction has Reduced
Gain.
[2] OTF (R)
Over Temperature Fault Status
0: Normal Operation.
1: Over Temperature Fault Condition.
[4] CLIP (R)
Clip Detector
0: Normal Operation.
1: Amplifier Clipping Detected.
[3] AMP_OC (R)
Amplifier Over-Current Fault Status
0: Normal Operation.
1: Amp Over-Current Fault Condition.
7
0
6
0
5
1
4
0
3
0
2
0
1
1
0
0
[7:0] VBAT_INF (R/W)
BatteryVoltage Inflection Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com