Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 38 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 38 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 36Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 37Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 38Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 39Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 40Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
38 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Ordering Information (Note 20)
Part Number
Packaging
Status
Part Marking
Reel Quantity
Tape Width
Reel Size
ZXLD1370EST16TC
TSSOP-16EP
Active
ZXLD
1370
YYWW
(Note 21)
2,500
16mm
13”
Notes:
20. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
21. YY is last two digits of year and WW is two-digit week number
Marking Information
TSSOP-16EP
YY = Last Two Digits of Year
WW = Two-Digit Week Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com