Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 28 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
28 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Figure 30 PWM Dimming from Open Collector Switch
Figure 31 PWM Dimming from MCU
PWM
0V
< 10 ms
0V
2µs
Gate
< 10 ms
2µs
Figure 32 PWM Dimming Minimum and Maximum Pulse
LED current can be adjusted digitally, by applying a low frequency PWM logic signal to the PWM pin to turn the controller on and off. This will
produce an average output current proportional to the duty cycle of the control signal. During PWM operation, the device remains powered
up and only the output switch is gated by the control signal.
The PWM signal can achieve very high LED current resolution. In fact, dimming down from 100% to 0.1% at 500Hz, a minimum pulse width
of 2µs can be achieved resulting in very high resolution and accuracy. While the maximum recommended pulse is for the PWM signal is
10ms (equivalent to 100Hz) (see Figure 32).
The ultimate PWM dimming ratio will be determined by the
switching frequency as the minimum PWM pulse width is
determined by resolving at least 1 switching cycle. The figure to the
right the switching waveforms for a low duty cycle PWM dimming.
As can be seen, when the LED current restarts (blue waveform) it
has to start all the way from zero to the peak level set by
VSENSE/RS*1.15. Therefore, the first pulse is always longer than the
nominal switching frequency would imply.
STATUS
0V
PWM
~15ms
0V
Standby
state
Figure 33 Standby State from PWM Signal
The PWM pin can be used to put the device into standby. Taking
the PWM pin low (<0.4V) for more than 25ms (typically 15ms) the
device will enter its standby state and most of the internal circuitry
is switched off and residual quiescent current will be typically 90µA.
In particular, the STATUS pin will go down to GND while the FLAG
and REF pins will stay at their nominal values.
When the device restarts from standby mode, a “start-up” time must be allowed for before the device resume full LED current regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com