Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 29 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 29 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 29Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 30Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 31Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 32Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 33Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
29 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Thermal Control of LED Current
For thermal control of the LEDs, the ZXLD1370 monitors the voltage on the TADJ pin and reduces output current if the voltage on this pin falls
below 625mV. An external NTC thermistor and resistor can therefore be connected as shown below to set the voltage on the TADJ pin to 625mV
at the required temperature threshold. This will give 100% LED current below the threshold temperature and a falling current above it as shown
in the graph. The temperature threshold can be altered by adjusting the value of RTH and/or the thermistor to suit the requirements of the chosen
LED.
The Thermal Control feature can be disabled by connecting TADJ directly to REF.
Here is a simple procedure to design the thermal feedback circuit:
1) Select the temperature threshold TTHRESHOLD at which the current must start to decrease
2) Select the Thermistor TH1 (both resistive value at +25°C and beta)
3) Select the value of the resistor RTH as RTH = TH at TTHRESHOLD
85
˚C
70
˚C
ILED
100%
10%
TLED
Thermal network response in Buck configuration with:
Rth = 1.8k
Ω and TH1=10kΩ (beta =3900)
REF
TADJ
Rth
TH1
Figure 34 Thermal Feedback Network
The thermistor resistance, RT, at a temperature of T degrees Kelvin is given by:
T
e
R
R
R
1
T
1
B
R
T
Where:
RR is the thermistor resistance at the reference temperature, TR
TR is the reference temperature, in Kelvin, normally 273 + 25 = 298K (+25°C)
B is the “beta” value of the thermistor.
For example,
1) Temperature threshold TTHRESHOLD = 273 + 70 = 343K (+70°C)
2) TH1 = 10k
Ω at +25°C and B = 3900  RT = 1.8kΩ @ +70°C
3) RTH = RT at TTHRESHOLD = 1.8k
Ω
Overtemperature Shutdown
The ZXLD1370 incorporates an overtemperature shutdown circuit to protect against damage caused by excessive die temperature. A warning
signal is generated on the STATUS output when die temperature exceeds +125°C nominal and the output is disabled when die temperature
exceeds +150°C nominal. Normal operation resumes when the device cools back down to +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com