Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
20 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Now we calculate RS from Equation 11. Assume ADJ is connected to REF.




196
.
0
305
.
0
x
35
.
0
225
.
0
V
V
ADJx
_
xGI
I
225
.
0
R
REF
ADJ
LED
SBOOSTBB
A preferred value of RSBOOSTBB =
0.2Ω will give the desired LED current with an error of 2% due to the preferred value selection.
Table 1 shows typical resistor values used to determine the GI_ADJ ratio with E24 series resistors.
Table 1
GI Ratio
RGI1
RG2
0.2
30k
Ω
120k
Ω
0.25
33k
Ω
100k
Ω
0.3
39k
Ω
91k
Ω
0.35
30k
Ω
56k
Ω
0.4
100k
Ω
150k
Ω
0.45
51k
Ω
62k
Ω
0.5
30k
Ω
30k
Ω
This completes the LED current setting.
Inductor Selection and Frequency Control
The selection of the inductor coil, L1, requires knowledge of the switching frequency and current ripple, and depends on the duty cycle to some
extent. In the hysteretic converter, the frequency depends upon the input and output voltages and the switching thresholds of the current
monitor. The peak-to-peak coil current is adjusted by the ZXLD1370 to control the frequency to a fixed value. This is done by controlling the
switching thresholds within particular limits. This effectively much reduces the overall frequency range for a given input voltage range. Where the
input voltage range is not excessive, the frequency is regulated to approximately 330kHz in Buck configuration, and 300kHz in Boost and Buck-
Boost configurations. This is helpful in terms of EMC and other system requirements.
For larger input voltage variation, or when the choice of coil inductance is not optimum, the switching frequency may depart from the regulated
value, but the regulation of LED current remains successful. If desired, the frequency can to some extent be increased by using a smaller
inductor, or decreased using a larger inductor. The web Calculator will evaluate the frequency across the input voltage range and the effect of
this upon power efficiency and junction temperatures.
Determination of the input voltage range for which the frequency is regulated may be required. This calculation is very involved, and is not given
here. However the performance in this respect can be evaluated within the web Calculator for the chosen inductance.
The inductance is given as follows in terms of peak-to-
peak ripple current in the coil, ΔIL and the MOSFET on time, tON.
I
t
R
R
R
I
V
V
L
ON
S
COIL
DSON
OUT
LED
IN
for Buck
L1 =
I
t
R
R
R
I
V
L
ON
S
COIL
DSON
IN
IN
for Boost
Equation 18

I
t
R
R
R
I
I
V
L
ON
S
COIL
DSON
OUT
IN
IN
for Buck-Boost
Therefore In order to calculate L1, we need to find IIN, tON
, and ΔIL. The effects of the resistances are small and will be estimated.
IIN is estimated from Equation 9.
tON is related to switching frequency, f, and duty cycle, D, as follows:
f
D
tON
Equation 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com