Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1370EST16TC Datasheet(PDF) 16 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 13Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 14Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 15Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 16Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 17Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 18Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 19Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
16 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
Therefore the average LED current is the coil current multiplied by the schottky diode duty cycle, 1-D.




V
V
ADJ
_
GI
R
225
.
0
D
1
I
I
REF
ADJ
S
RS
LED
(Boost and Buck-Boost)
Equation 4
This shows that the LED current depends on the ADJ pin voltage, the reference voltage and 3 resistor values (RS, RGI1 and RGI2). It is
independent of the input and output voltages.
If the ADJ pin is connected to the REF pin, this simplifies to:
ADJ
_
GI
R
225
.
0
I
S
LED


(Boost and Buck-Boost)
Now ILED is dependent only on the 3 resistor values.
Considering power dissipation and accuracy, it is useful to know how the mean sense voltage varies with input voltage and other parameters.


V
V
D
1
ADJ
_
GI
225
.
0
I
V
REF
ADJ
RS
RS
(Boost and Buck-Boost)
Equation 5
This shows that the sense voltage varies with duty cycle in Boost and Buck-Boost configurations.
Application Circuit Design
External component selection is driven by the characteristics of the load and the input supply, since this will determine the kind of topology being
used for the system. Component selection begins with the current setting procedure, the inductor/frequency setting and the MOSFET selection.
Finally after selecting the freewheeling diode and the output capacitor (if needed), the application section will cover the PWM dimming and
thermal feedback. The full procedure is greatly accelerated by the web Calculator spreadsheet, which includes fully automated component
selection, and is available on the Diodes website. However the full calculation is also given here.
Some components depend upon the switching frequency and the duty cycle. The switching frequency is regulated by the ZXLD1370 to a large
extent, depending upon conditions. This is discussed in a later paragraph dealing with coil selection.
Duty Cycle Calculation and Topology Selection
The duty cycle is a function of the input and output voltages. Approximately, the MOSFET switching duty cycle is:
V
V
D
IN
OUT
BUCK
for Buck
V
V
V
D
OUT
IN
OUT
BOOST
for Boost
Equation 6
V
V
V
D
IN
OUT
OUT
BB
for Buck-Boost
Because D must always be a positive number less than 1, these equations show that:
VOUT < VIN
for Buck (voltage step-down)
VOUT > VIN
for Boost (voltage step-up)
VOUT > or = or < VIN
for Buck-Boost (voltage step-down or step-up)
This allows us to select the topology for the required voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com